Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 14 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments LSF0002 Datasheet HTML 16Page - Texas Instruments LSF0002 Datasheet HTML 17Page - Texas Instruments LSF0002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
8.4.2 Layout Example
Via to VPU_B
Via to GND
B
G
Legend
LSF0002DTQ
0.1µF
01005
B
GND
VBIAS
SDAA
SCLA
SCLB
4 mil
8 mil
G
SDAB
1
2
3
4
5
6
A
Via to VPU_A
01005
1 k
Via to Signal Layer
S
S
S
*Pullup Resistors are not required to be adjacent to the device, and can be present on the I
2C line elsewhere in the system
A
01005
1 k
01005
1 k
S
S
B
01005
1 k
01005
1 k
Figure 8-5. Short Trace Layout
Device PCB
TP1
SD Controller
(1.8 V IO)
TP2
LSF0108
SDIO level translator
SDIO Connnector
(3.3 V IO)
LSF010x
Figure 8-6. Device Placement
LSF0002
SDLS975 – APRIL 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com