Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 8 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
7.3.2 VBIAS/ Enable
To enable the I/O pins, the VBIAS input should be referenced towards the lower power supply (in the following
example, VEXT,A) during voltage translation. To be in the high impedance state during power-up, power-down, or
during operation, the VBIAS pin must be pulled low and at GND or disabled by an open-drain driver without
a pullup resistor. Use the VBIAS pin to properly bias the I/O channels. A filter capacitor on VBIAS is also
recommended for a stable supply at the device.
1.8 V
A1
VBIAS
B1
3.3 V
A2
B2
0.1
F
1.8 V
VEXT,A
VEXT,B
1kΩ
1kΩ
Figure 7-1. VBIAS Tied to Lower Power Supply
The supply voltage of open drain I/O devices can be completely different from the supplies used for the LSF and
has no impact on the operation. For additional details on how to use the enable pin, see the Using the Enable
Pin with the LSF Family video.
Table 7-1. Enable Pin Function Table
INPUT VBIASPIN
Data Port State
Tied directly to VBIAS
An = Bn
L
Hi-Z
7.4 Device Functional Modes
For each channel (n), when either the An or Bn port is LOW, the switch provides a low impedance path between
the An and Bn ports; the corresponding Bn or An port will be pulled LOW. The low RON of the switch allows
connections to be made with minimal propagation delay and signal distortion.
Table 7-1 provides a summary of device operation. For additional details on the functional operation of the LSF
family of devices, see the Down Translation with the LSF Family and Up Translation with the LSF Family videos.
Table 7-2. Device Functionality
Signal Direction(1)
Input State
Switch State
Functionality
B to A (Down Translation)
B = LOW
ON
(Low Impedance)
A-side voltage is pulled low through the switch to the B-side voltage
B = HIGH
OFF
(High Impedance)
A-side voltage is clamped at VEXT,A (2)
A to B (Up Translation)
A = LOW
ON
(Low Impedance)
B-side voltage is pulled low through the switch to the A-side voltage
A = HIGH
OFF
(High Impedance)
B-side voltage is clamped at VEXT,A and then pulled up to the VEXT,B
supply voltage
(1)
The downstream channel should not be actively driven through a low impedance driver, or else bus contention may occur.
(2)
The A-side can have a pullup to VEXT,A for additional current drive capability or may also be pulled above VEXT,A with a pullup resistor.
Specifications in the Recommended Operating Conditions section should always be followed.
LSF0002
SDLS975 – APRIL 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com