Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 9 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LSF devices can perform voltage translation for open-drain or push-pull interfaces. Table 8-1 provides
common interfaces and the corresponding device recommendation from the LSF family, which supports the
corresponding bit count.
Table 8-1. Voltage Translator for Common Interfaces
Part Name
Channel Number
Interface
LSF0002
2
GPIO, MDIO, SMBus, PMBus, and I2C
Some important reminders regarding the LSF0002 are as follows:
• LSF devices are switch-based, not buffer-based (for more information, see the TXB family for buffer-based
devices).
• Specific data rates cannot be calculated by using 1/Tpd.
• VEXT,A/VEXT,B are referenced to the external power supplies at the I/Os.
• VBIAS should be tied towards the lowest voltage being translated to at the I/Os.
8.2 Typical Applications
8.2.1 Open-Drain Interface (I2C, PMBus, SMBus, and GPIO)
1.8 ± 10% V
B1
B2
A1
A2
GND
LSF0002
RA1 =
1k
RA2 =
1k
1.8V Device
1.2V Device
1.2 ± 10% V
VBIAS
0.1 F
RB1 =
1k
RB2 =
1k
6
5
2
1
3
4
VEXT,A
VEXT,B
Figure 8-1. Typical Application Circuit for Open-Drain Translation (MDIO Shown as an Example)
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com