Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 7 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 3Page - Texas Instruments LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7 Detailed Description
7.1 Overview
The LSF0002 can be used in level-translation applications for interfacing devices or systems operating with one
another that operate at different interface voltages. The LSF family is an excellent choice for use in applications
where an open-drain driver is connected to the data I/Os. With appropriate pull-up resistors and layout, LSF
can achieve 100MHz. The LSF family can also be used in applications where a push-pull driver is connected
to the data I/Os. For an overview of device setup and operation, see The Logic Minute training series on
Understanding the LSF Family of Bidirectional, Multi-Voltage Level Translators.
7.2 Functional Block Diagram
SW
VBIAS
6
B1
SW
A1
B2
A2
2
3
5
4
GND
1
7.3 Feature Description
7.3.1 Auto Bidirectional Voltage Translation
The LSF family is an auto bidirectional voltage level translator that is operational from 0.95 to 5.5V. This allows
for bidirectional voltage translation between 0.95V and 5.5V without the need for a direction pin in open-drain or
push-pull applications. The LSF family supports level translation applications with transmission speeds greater
than 100Mbps for open-drain systems using a 30pF capacitance and 250Ω pullup resistor. Both the output
driver of the controller and the peripheral device output can be push-pull or open-drain (pull-up resistors may be
required). In both up and down translation, the B-side is often referred to as the high side and refers to devices
connected to the B ports. The A-side can be referred to as the low side.
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com