Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 20 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments LSF0002 Datasheet HTML 16Page - Texas Instruments LSF0002 Datasheet HTML 17Page - Texas Instruments LSF0002 Datasheet HTML 18Page - Texas Instruments LSF0002 Datasheet HTML 19Page - Texas Instruments LSF0002 Datasheet HTML 20Page - Texas Instruments LSF0002 Datasheet HTML 21Page - Texas Instruments LSF0002 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
TYP
4X (0.25)
4X (0.4)
(0.25)
TYP
(R0.05) TYP
(0.6)
(0.8)
(0.4)
(0.2)
TYP
(0.027) TYP
(0.2) TYP
EXPOSED METAL
CLEARANCE
X2SON - 0.4 mm max height
DTQ0006A
PLASTIC SMALL OUTLINE - NO LEAD
4224056/A 11/2017
NOTES: (continued)
6. This package is designed to be soldered to a thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
7. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations are shown.
SYMM
1
2
3
SYMM
4
5
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:50X
6
METAL UNDER
SOLDER MASK
TYP
TYP
SOLDER MASK OPEING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com