Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 3 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 3 Page - Texas Instruments

  LSF0002 Datasheet HTML 1Page - Texas Instruments LSF0002 Datasheet HTML 2Page - Texas Instruments LSF0002 Datasheet HTML 3Page - Texas Instruments LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VI
Input voltage(2)
–0.5
7
V
VI/O
Input/output voltage(2)
–0.5
7
V
Continuous channel current
128
mA
IIK
Input clamp current
VI < 0
–50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition. If
used outside the Recommended Operating Condition but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
The input and input/output voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(3)
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per AEC Q100-001
±1000
V
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
(3)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VBIAS
Reference Voltage
0
5.5
V
VI/O
Input/Output voltage
A1, A2, B1, B2
0
5.5
V
IPASS
Pass switch current
64
mA
TA
Operating free-air temperature
–40
125
°C
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com