Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 5 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 5 Page - Texas Instruments

  LSF0002 Datasheet HTML 1Page - Texas Instruments LSF0002 Datasheet HTML 2Page - Texas Instruments LSF0002 Datasheet HTML 3Page - Texas Instruments LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5.6 Switching Characteristics (Translating Down): BN = 3.3V
over recommended operating free-air temperature range, BN = 3.3V, BN = VIH = AN + 1, VIL = 0, and VM = 0.5AN (unless
otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPLH
Low-to-high propagation delay
From (input) A or B to (output) B or
A
CL = 15pF
0.3
ns
CL = 30pF
0.7
CL = 50pF
1.1
TPHL
High to low propagation delay
CL = 15pF
0.4
ns
CL = 30pF
0.8
CL = 50pF
1.2
5.7 Switching Characteristics (Translating Down): BN = 2.5V
over recommended operating free-air temperature range, BN = 2.5V, BN = VIH = AN + 1, VIL = 0, and VM = 0.5AN (unless
otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPLH
Low-to-high propagation delay
From (input) A or B to (output) B or
A
CL = 15pF
0.35
ns
CL = 30pF
0.8
CL = 50pF
1.2
TPHL
High to low propagation delay
CL = 15pF
0.5
ns
CL = 30pF
1
CL = 50pF
1.3
5.8 Switching Characteristics (Translating Up): BN = 3.3V
over recommended operating free-air temperature range, BN = 3.3V, BN = VT = AN + 1, Vref_A = VIH, VIL = 0, VM =
0.5AN and RL = 300 (unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPLH
Low-to-high propagation delay
From (input) A or B to (output) B or
A
CL = 15pF
0.4
ns
CL = 30pF
0.8
CL = 50pF
1
TPHL
High to low propagation delay
CL = 15pF
0.4
ns
CL = 30pF
0.9
CL = 50pF
1
5.9 Switching Characteristics (Translating Up):BN = 2.5V
over recommended operating free-air temperature range, BN = 2.5V, BN = VT = AN + 1, AN = VIH, VIL = 0, VM = 0.5AN and
RL = 300 (unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPLH
Low-to-high propagation delay
From (input) A or B to (output) B or
A
CL = 15pF
0.45
ns
CL = 30pF
0.9
CL = 50pF
1.1
TPHL
High to low propagation delay
CL = 15pF
0.6
ns
CL = 30pF
1.1
CL = 50pF
1.3
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com