Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 2 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 2 Page - Texas Instruments

  LSF0002 Datasheet HTML 1Page - Texas Instruments LSF0002 Datasheet HTML 2Page - Texas Instruments LSF0002 Datasheet HTML 3Page - Texas Instruments LSF0002 Datasheet HTML 4Page - Texas Instruments LSF0002 Datasheet HTML 5Page - Texas Instruments LSF0002 Datasheet HTML 6Page - Texas Instruments LSF0002 Datasheet HTML 7Page - Texas Instruments LSF0002 Datasheet HTML 8Page - Texas Instruments LSF0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 3
5.1 Absolute Maximum Ratings........................................ 3
5.2 ESD Ratings............................................................... 3
5.3 Recommended Operating Conditions.........................3
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................4
5.6 Switching Characteristics (Translating Down):
BN = 3.3V.......................................................................5
5.7 Switching Characteristics (Translating Down):
BN = 2.5V.......................................................................5
5.8 Switching Characteristics (Translating Up): BN =
3.3V............................................................................... 5
5.9 Switching Characteristics (Translating Up):BN =
2.5V............................................................................... 5
6 Parameter Measurement Information............................ 6
7 Detailed Description........................................................7
7.1 Overview..................................................................... 7
7.2 Functional Block Diagram........................................... 7
7.3 Feature Description.....................................................7
7.4 Device Functional Modes............................................8
8 Application and Implementation.................................... 9
8.1 Application Information............................................... 9
8.2 Typical Applications.................................................... 9
8.3 Power Supply Recommendations.............................13
8.4 Layout....................................................................... 13
9 Device and Documentation Support............................15
9.1 Related Documentation............................................ 15
9.2 Receiving Notification of Documentation Updates....15
9.3 Support Resources................................................... 15
9.4 Trademarks...............................................................15
9.5 Electrostatic Discharge Caution................................15
9.6 Glossary....................................................................15
10 Revision History.......................................................... 15
11 Mechanical, Packaging, and Orderable
Information.................................................................... 15
4 Pin Configuration and Functions
Pinout drawings are not to scale
GND
VBIAS
B1
A1
A2
B2
1
2
3
4
5
6
Figure 4-1. LSF0002 DTQ Package, 6-Pin X2SON (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
A1
2
I/O
Auto-Bidirectional Data port
A2
3
I/O
B1
5
I/O
B2
4
I/O
VBIAS
6
I
Enable input/
Supply Voltage
GND
1
—
Ground
(1)
I= input, O = output
LSF0002
SDLS975 – APRIL 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com