Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 23Page - Exar Corporation XRT79L71IB Datasheet HTML 24Page - Exar Corporation XRT79L71IB Datasheet HTML 25Page - Exar Corporation XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
XRT79L71
24
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
A10
TxCellTxed/
TxNibFrame/
ValidFCS
O
Transmit ATM Cell Generator indicator/Transmit Nibble Frame Indicator/
Valid FCS Indicator output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM Mode, the Clear-Channel Framer Mode or in
the High-Speed HDLC Controller Mode.
ATM Mode - TxCellTxed TxCellTxed - Transmit ATM Cell Generator Indica-
tor:
This output pin pulses "High" (for one TxInClk or RxOutClk period) each time the
ATM Transmit Cell Processor block transmits an ATM cell to either the Transmit
PLCP Processor or the Transmit DS3/E3 Framer block.
Clear-Channel Framer Mode - TxNibFrame - Transmit Nibble Frame Indica-
tor Output pin:
This output pin pulses "High" when the last nibble of a given DS3 or E3 frame is
expected at the TxNib[3:0] input pins.
The purpose of this output pin is to alert the System-Side terminal equipment
that it needs to begin the transmission of a new DS3 or E3 frame to the
XRT79L71.
NOTE: This output pin is not active if the XRT79L71 is configured to operate in
the Serial-Mode.
High-Speed HDLC Controller Mode - ValidFCS:
The combination of the RxIdle and ValidFCS output signals are used to convey
information about data that is being output via the Receive High-Speed HDLC
Controller Output Interface - Data bus output (RxHDLCDat_[7:0]).
If RxIdle = "High":
The Receive High-Speed HDLC Controller Output Interface block with drive this
output pin "High" anytime the flag sequence octet (0x7E) is present on the RxH-
DLCDat[7:0] output data bus.
If RxIdle and ValidFCS are both "High":
The Receive High-Speed HDLC Controller Output Interface block has received a
complete HDLC frame, and has determined that the FCS value within this HDLC
frame are valid.
If RxIdle is "High" and ValidFCS is "Low":
The Receive High-Speed HDLC Controller Output Interface block has received a
complete HDLC frame, and has determined that the FCS value within this HDLC
frame is invalid.
If RxIdle is "Low" and ValidFCS is "High":
The Receive High-Speed HDLC Controller Output Interface block has received
an ABORT sequence.
NOTE: This input pin is active if the XRT79L71 has been configured to operate in
the PPP Mode.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com