Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 62 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 62 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
XRT79L71
59
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
• To generate and transmit DS3 pulses that complies with the Isolated Pulse Template requirements per
Bellcore GR-499-CORE
• To generate and transmit E3 pulses that complies with the ITU-T G.703 Pulse Template requirements for E3
applications.
The Receive DS3/E3 LIU Block
The purpose of the Receive DS3/E3 LIU Block is to receive a DS3/E3 line signal from the remote terminal
equipment, and to perform the following operations
• To decode this incoming signal from the B3ZS Line Code (for DS3 Applications) or the HDB3 Line Code (for
E3 Applications) into a binary data-stream
• To route this binary data-stream to the Receive DS3/E3 Framer block for further processing
• To detect and flag the occurrence of LCVs (Line Code Violations) and EXZs (Excessive Zeros)
• To insure that the XRT79L71 meets all of the following Receive requirements.
a. The Receive Sensitivity requirements for DS3 Applications (e.g., able to receive a DSX-3 type of signal
through at least 450 feet of cable loss)
b. The Receive Sensitivity requirements for E3 Applications (e.g., able to receive an E3 signal over 12dB of
cable loss)
c. To comply with the Category I and II Jitter Tolerance Requirements per Bellcore GR-499-CORE (for DS3
Applications)
d. To comply with the Jitter Tolerance Requirements per ITU-T G.832 (for E3 Applications)
e. To comply with the Interference Margin Requirements of 20dB, per ITU-T G.703 (for E3 Applications)
The Receive DS3/E3 Framer Block
The purpose of the Receive DS3/E3 Framer block is to acquire and maintain Frame Synchronization with the
incoming DS3/E3 data-stream that is receives from the Receive DS3/E3 LIU Block. As the Receive DS3/E3
Framer block performs this task, it will also do the following.
• It will declare and clear the LOS defect condition
• It will declare and clear the LOF/OOF defect condition
• It will declare and clear the AIS defect condition
• It will declare and clear the FERF/RDI defect condition
• It will detect and flag the occurrences of P-bit, CP-bit and Framing bit errors (DS3 Applications)
• It will detect and flag the occurrence of BIP-8 Errors (E3, ITU-T G.832 Applications)
• It will detect and flag the occurrence of BIP-4 Errors (E3, ITU-T G.751 Applications)
• It will detect and flag the occurrence of FEBE/REI Events
• It will route all PMDL data to the Receive LAPD Controller block for further processing
• It will route all Overhead bits/bytes to the Receive Overhead Data Output Interface block for further
processing
• It will route all DS3/E3 data to the Receive Payload Data Output Interface block.
The Receive SSM Controller Block (E3, ITU-T G.832 Applications Only)
The Receive Trail-Trace Message Controller Block (E3, ITU-T G.832 Applications Only)
The Receive FEAC Controller Block (DS3 Applications Only)
The purpose of the Receive FEAC Controller block is to permit the user to receive FEAC (Far-End Alarm &
Control) Messages from the remote terminal equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com