Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation XRT79L71IB Datasheet HTML 42Page - Exar Corporation XRT79L71IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
XRT79L71
36
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
B5
RxLCD/
RxOutClk/
RxHDLCDat_7
O
Receive Loss of Cell Delineation Defect indicator/Receive Output Clock
signal/Receive HDLC Controller Data Bus - Bit 7 Output:
The function of output pin depends upon whether the XRT79L71 has been con-
figured to operate in the ATM, Clear-Channel Framer or High Speed HDLC
Controller Mode.
ATM Mode - RxLCD:(Loss of Cell Delineation Defect Indicator)
The XRT79L71 will assert this output pin (e.g., toggle it "High") anytime (and for
the duration that) the Receive ATM Cell Processor block is declaring the LCD
(Loss of Cell Delineation) defect condition. The XRT79L71 will negate this out-
put pin (e.g., toggle it "Low") whenever the Receive ATM Cell Processor block is
not currently declaring the LCD defect condition.
Clear-Channel Framer Mode - RxOutClk:
This clock signal functions as the Transmit Payload Data Input Interface clock
source, if the XRT79L71 has been configured to operate in the loop-timing
mode.
In this mode, the System-Side terminal equipment is expected to input data to
the TxSer input pin, upon the rising edge of this clock signal. The XRT79L71
will use the rising edge of this signal to sample the data on the TxSer input.
High-Speed HDLC Controller Mode - Receive High-Speed HDLC Controller
Output Interface Block - Data Bus Output Pin #7 - RxHDLCDat_7:
This output pin along with RxHDLCDat_[6:0] functions as the Receive High-
Speed HDLC Controller Output Interface byte wide output data bus. This partic-
ular output pin functions as the MSB (Most Significant Bit) of the Receive High-
Speed HDLC Controller Output Interface byte wide data bus. The Receive
High-Speed HDLC Controller Output Interface block will output the contents of
all HDLC frames and flag sequence octets via this output data bus, upon the ris-
ing edge of the RxHDLCClk output signal. Hence, the user's System-Side ter-
minal equipment should be designed/configured to sample this data upon the
falling edge of the RxHDLCClk output clock signal.
D7
RxLOS
O
LOS (Loss of Signal) Defect Indicator:
The XRT79L71 will assert this output pin (e.g., toggle it "High") anytime (and for
the duration that) the Receive DS3/E3 Framer block declares the LOS defect
condition.
Conversely, the XRT79L71 will negate this output pin (e.g., toggle it "Low") any-
time (and for the duration that) the Receive DS3/E3 Framer block is NOT
declaring the LOS defect condition.
B2
RxPRED
O
Receiver Red Alarm Indicator - Receive PLCP Processor:
The XRT79L71 will assert this output pin (e.g., toggle it "High") anytime (and for
the duration that) the Receive PLCP Processor block is currently declaring any
of the following defect conditions.
• PLCP OOF - PLCP Out of Frame Defect Condition
• PLCP LOF - PLCP Loss of Frame Defect Condition
Conversely, the XRT79L71 will negate this output pin (e.g., toggle it "Low") any-
time (and for the duration that) the Receive PLCP Processor block is NOT
declaring any of the above-mentioned defect conditions.
NOTE: This output pin is only active if the XRT79L71 has been configured to
operate in both the ATM UNI and PLCP Modes..
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com