Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
XRT79L71
28
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
N3
TxUClav/
TxPPA
O
Transmit UTOPIA Interface - Cell Available Output Pin/Transmit POS-PHY
Interface - Packet Data Available Output pin:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode - TxUClav - Transmit UTOPIA Interface - Cell Space Avail-
able Indicator Output pin:
This output pin supports data flow control between the ATM Layer Processor and
the Transmit UTOPIA Interface block. This signal is asserted (e.g., driven
"High") whenever the TxFIFO is capable of receiving at least one more full ATM
cell of data from the ATM Layer processor. This signal is negated (e.g., driven
"Low"), if the TxFIFO is not capable of receiving one more full ATM cell of data
from the ATM Layer processor. The exact behavior of the TxUClav output pin, as
a function of UTOPIA Level is presented below.
Multi-PHY Operation - UTOPIA Level 2:
When the XRT79L71 is operating in a Multi-PHY Application and is configured to
operate in the UTOPIA Level 2 Mode, then this signal will be tri-stated until the
TxUClk cycle following the assertion of a valid address on the Transmit UTOPIA
Address bus input pins (e.g., when the contents on the Transmit UTOPIA
Address bus pins, TxUAddr[4:0], match that which have been assigned to this
particular Transmit UTOPIA Interface block). Afterwards, this output pin will be
driven either "High" or "Low" depending upon the current fill status of the
TxFIFO.
Multi-PHY Operation - UTOPIA Level 3
When the XRT79L71 is operating in a Multi-PHY Application and is configured to
operate in the UTOPIA Level 2 Mode, then this signal will be tri-stated until the
TxUClk cycle following the assertion of a valid address on the Transmit UTOPIA
Address bus input pins (e.g., when the contents on the Transmit UTOPIA
Address bus pins, TxUAddr[4:0], match that which have been assigned to this
particular Transmit UTOPIA Interface block). Afterwards, this output pin will be
driven either "High" or "Low" depending upon the current fill status of the
TxFIFO.
PPP Mode - TxPPA TxPPA - Transmit POS-PHY Interface Packet Space
Available Indicator Output:
The XRT79L71 will drive this output pin "High" whenever a (programmable)
number of bytes of empty space is available (for writing more PPP packet data)
into the TxFIFO. The exact behavior of the TxPPA output pin, as a function of
POS-PHY Level is presented below.
POS-PHY Level 2:
When the XRT79L71 is configured to operate in the POS-PHY Level 2 Mode,
then this signal will be tri-stated until the TxPClk cycle following the assertion of a
valid address on the Transmit POS-PHY Address bus input pins (e.g., if the con-
tents on the Transmit POS-PHY Address bus pins, TxPAddr[4:0], match that
which have been assigned to this particular Transmit POS-PHY Interface block).
Afterwards, this output pin will be driven either "High" or "Low" depending upon
the current fill status of the TxFIFO.
POS-PHY Level 3:
When the XRT79L71 is configured to operate in the POS-PHY Level 3 Mode,
then this signal will be tri-stated until two TxPClk cycles following the assertion of
a valid address on the Transmit POS-PHY Address Bus input pins (e.g., if the
contents on the Transmit POS-PHY Address bus pins, TxPAddr[4:0], match that
which have been assigned to this particular Transmit POS-PHY Interface block).
Afterwards, this output pin will be driven either "High" or "Low" depending upon
the current fill status of the TxFIFO.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com