Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation XRT79L71IB Datasheet HTML 85Page - Exar Corporation XRT79L71IB Datasheet HTML 86Page - Exar Corporation XRT79L71IB Datasheet HTML 87Page - Exar Corporation XRT79L71IB Datasheet HTML 88Page - Exar Corporation XRT79L71IB Datasheet HTML 89Page - Exar Corporation XRT79L71IB Datasheet HTML 90Page - Exar Corporation XRT79L71IB Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
XRT79L71
84
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
MICROPROCESSOR INTERFACE TIMING - POWER PC 403 SYNCHRONOUS MODE
NOTE: The value for "t0" through "t12" can be found in
Table 10.
TABLE 9: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE WHEN CONFIGURED TO OPERATE IN THE
MOTOROLA (68K) ASYNCHRONOUS MODE
Test Conditions: TA = 25°C, VCC = 3.3V±5% and 2.5V±5%, unless otherwise specified.
TIMING
DESCRIPTION
MIN.
TYP.
MAX
t0
Address setup time to pALE low
6
-
-
t1
Address hold time to pALE high
6
-
-
t2
Data setup time to pDS_L low
0
-
-
t3
Data hold time to pDS_L low
160
-
-
t4
pDS_L high to pRDY_L high (Write Cycle)
-
-
16
t5
pRDY_L low to Data valid
-
-
15
t6
pDS_L high to pRDY_L high (Read Cycle)
-
-
16
t7
pRDY_L high to Data invalid
3
-
-
FIGURE 10. SYNCHRONOUS MODE 3 - IBM POWERPC 403 INTERFACE TIMING (WRITE CYCLE)
pCLK
pCS_L
pA[14:0
]
pD[7:0]
pRdy
pRW_L
pOE_L
t0
t1
t2
t3
t4
t5
t6
t7
Address
Data
pWE_L
t8
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com