Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation XRT79L71IB Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
XRT79L71
35
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
D6
RxOOF/
RxNib_1/
RxHDLCDat_1
O
Receive Out of Frame Defect Indicator/Receive Nibble Interface Output pin
- Bit 1/Receive HDLC Controller Data Bus Output pin - Bit 1:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer/Nibble-Parallel Mode or the
High-Speed HDLC Controller Mode.
Clear-Channel Framer/Nibble-Parallel Mode - RxNib_1:
The XRT79L71 will output Received data from the remote terminal equipment
to the System-Side terminal equipment via this pin, along with RxNib_0,
RxNib_2 and RxNib_3: This particular output pin functions as the LSB. The
data at this pin is updated on the rising edge of the RxClk output signal. Hence,
the user's System-Side terminal equipment should sample this signal upon the
falling edge of RxClk.
High-Speed HDLC Controller Mode - Receive High Speed HDLC Controller
Output Interface Block - Data Bus Output Pin #1 - RxHDLCDat_1:
This output pin along with RxHDLCDat_[7:2] and RxHDLCDat_0 functions as
the Receive High-Speed HDLC Controller Output Interface byte wide output
data bus. The Receive High-Speed HDLC Controller will output the contents of
all HDLC frames and flag sequence octets via this output data bus, upon the ris-
ing edge of the RxHDLCClk output signal. Hence, the user's System-Side ter-
minal equipment should be designed/configured to sample this data upon the
falling edge of the RxHDLCClk output clock signal.
All other Modes - RxOOF - OOF Defect Indicator Output pin:
The Receive DS3/E3 Framer will assert this output signal whenever it has
declared the Out of Frame (OOF) defect condition with the incoming DS3 or E3
frames. This signal is negated when the Receive DS3/E3 Framer block re-
acquires DS3 or E3 frame synchronization and clears the OOF defect condition.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com