Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation XRT79L71IB Datasheet HTML 85Page - Exar Corporation XRT79L71IB Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
XRT79L71
79
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
NOTE: Registers associated within each functional block are specified in ascending order (based upon the on-chip Address
Location). No other inferences should be made regarding the order in which these registers are presented in this
table.
Once the µC/µP has read out the contents of the appropriate registers (as listed above in Table 5), then there
may (or may not) be additional interrupt status registers to read as described below.
Interrupt Servicing for the DS3/E3 Framer Block
If, upon reading out the contents of the Operation Interrupt Status Registers that the interrupting block is the
DS3/E3 Framer block then the user should execute a READ operation to the Framer Block Interrupt Status
Register. The bit-format for the Framer Block Interrupt Status Register is as presented below.
Depending upon which of these bit-fields are set to "1", the µC/µP (while executing the Interrupt Service
Routine) will need to branch to reading out the appropriate register as depicted below in Table 6.
Receive ATM Cell/PPP
Packet Processor Block
Receive ATM Cell Processor Block - Receive ATM Interrupt Status Register -
Byte 1
0x170A
Receive ATM Cell Processor Block - Receive ATM Interrupt Status Register -
Byte 0
0x170B
Transmit ATM Cell/PPP
Packet Processor Block
Transmit ATM Cell Processor Block - Transmit ATM Interrupt Status Register -
Byte 1
0x1F0B
Framer Block Interrupt Status Register (Address = 0x1105)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Receive
DS3/E3
Framer
Block Inter-
rupt Status
Receive
PLCP Pro-
cessor Block
Interrupt Sta-
tus
Unused
Transmit
DS3/E3
Framer
Block Inter-
rupt Status
One Second
Interrupt Sta-
tus
R/O
R/O
R/O
R/O
R/O
R/O
R/O
RUR
X
X
0
0
0
0
X
X
TABLE 6: INTERRUPT SERVICE ROUTINE GUIDE FOR THE DS3/E3 FRAMER BLOCK
BIT NUMBER
ASSERTED IN
REGISTER
BIT-FIELD NAME
NEXT REGISTER TO READ WITHIN INTERRUPT
SERVICE ROUTINE
ADDRESS
LOCATION OF
NEXT REGISTER
7
Receive DS3/E3 Framer Block Interrupt Sta-
tus
RxDS3 Interrupt Status Register
0x1113
RxE3 Interrupt Status Register # 1
0x1114
RxE3 Interrupt Status Register # 2
0x1115
RxDS3 FEAC Interrupt Enable/Status Regis-
ter
0x1117
RxDS3/E3 LAPD Control Register
0x1118
6
Receive PLCP Processor Block Interrupt
Status
RxPLCP Interrupt Status Register
0x1192
TABLE 5: INTERRUPT SERVICE ROUTINE GUIDE FOR THE XRT79L71
INTERRUPT FUNCTIONAL
BLOCK
THE NEXT REGISTER TO BE READ DURING THE INTERRUPT SERVICE ROUTINE
ADDRESS
LOCATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com