Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
XRT79L71
31
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
T2
T1
R2
R1
P2
TxUAddr_0/
TxPAddr_0
TxUAddr_1/
TxPAddr_1
TxUAddr_2
/TxPAddr_2
TxUAddr_3
/TxPAddr_3
TxUAddr_4
/TxPAddr_4
I
Transmit UTOPIA Address Bus:/Transmit POS-PHY Address Bus:
The exact function of these input pins depends upon whether the XRT79L71 has
been configured to operate in the ATM UNI or PPP Modes.
ATM UNI Mode -TxUAddr[4:0] - Transmit UTOPIA Address Bus:
These input pins comprise the Transmit UTOPIA Address Bus input pins. The
Transmit UTOPIA Address Bus is only in use when the XRT79L71 is operating in
the Multi-PHY mode. Whenever the ATM Layer processor wishes to poll or write
data to a particular UNI (PHY-Layer)device, it will provide the address of the tar-
get UNI on the Transmit UTOPIA Address Bus. The contents of the Transmit
UTOPIA Address Bus input pins are sampled on the rising edge of the TxUClk
clock signal. The Transmit UTOPIA Interface block will compare the data on the
Transmit UTOPIA Address Bus with the pre-programmed UTOPIA Address
value (which was loaded into the XRT79L71 by writing the appropriate data into
both the Transmit UTOPIA Port Address Register (Address = 0x0593) and the
Transmit UTOPIA Port Number Register (Address = 0x0597). If these two val-
ues are identical and the TxUEN input pin is asserted, then the TxUClav output
pin will be driven to the appropriate state (based upon the TxFIFO fill level) for
the Cell Level handshake mode of operation. If these two values do not match,
then the Transmit UTOPIA Interface block will continue to tri-state the TxUClav
output pin.
NOTE: These input pins are only active if the XRT79L71 has been designed into
a Multi-PHY Application. If the user intends to design the XRT79L71 into
a Single-PHY Application, tie these input pins to GND.
PPP Mode - TxPAddr[4:0] - Transmit POS-PHY Interface Address Bus Input
Pins:
These input pins comprise the Transmit POS-PHY Address Bus input pins.
Whenever the Link Layer Processor wishes to poll or write data to a particular
PHY-Layer device, it will provide the address of the target PHY-Layer device on
the Transmit POS-PHY Address Bus. The contents of the Transmit POS-PHY
Address Bus input pins are sampled on the rising edge of TxPClk. The
XRT79L71 will compare the data on the Transmit POS-PHY Address Bus with
the pre-programmed POS-PHY Address value (which was loaded into the
XRT79L71 by writing the appropriate data into the Transmit POS-PHY Interface -
Transmit Control Register - Byte 0 (Address = 0x0582). If these two values are
identical and the TxPENB input pin is asserted, then the TxPPA output pin will be
driven to the appropriate state (based upon the TxFIFO fill level). If these two
values do not match, then the Transmit POS-PHY Interface block will continue to
tri-state the TxPPA output pin.
NOTE: These input pins are only active if the XRT79L71 has been configured to
operate in either the ATM UNI or PPP Modes. The user should tie these
input pins to GND to operate the XRT79L71 in either the Clear-Channel
Framer or High-Speed HDLC Controller Modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com