Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 25Page - Exar Corporation XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
XRT79L71
26
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
R3
TxUPrty/
TxPPrty
I
Transmit UTOPIA Data Bus - Parity Input/Transmit POS-PHY Interface - Par-
ity Input:
The function of this input pin depends upon whether the XRT79L71 has been
configured to operate in the ATM UNI or PPP Mode.
ATM UNI Mode - TxUPrty - Transmit UTOPIA Interface - Parity Input pin:
The ATM Layer processor will apply the parity value of the byte or word which is
being applied to the Transmit UTOPIA Data Bus (e.g., TxUData[15:8] or TxU-
Data[15:0]) inputs of the XRT79L71, respectively.
NOTE: This parity value can be computed based upon either the even or odd-
parity of the data applied at the Transmit UTOPIA Data Bus.
The
Transmit
UTOPIA
Interface
block
(within
the
XRT79L71)
will
independently compute either the even or odd-parity value of each byte
(or word) that it receives from the ATM Layer processor and will compare
it with the logic level of this input pin.
The Transmit UTOPIA Interface block within the XRT79L71 will independently
compute an odd-parity value of each byte (or word) that it receives from the ATM
Layer processor and will compare it with the logic level of this input pin.
PPP Mode - TxPPrty - Transmit POS-PHY Interface - Parity Input pin:
The Link Layer Processor will apply the parity value of the byte or word which is
being applied to the Transmit POS-PHY Data Bus (e.g., TxPData[15:8] or TxP-
Data[15:0]) inputs of the XRT79L71, respectively.
NOTES:
1.
This parity value can be computed based upon either the even or odd-
parity of the data applied to the Transmit POS-PHY Data Bus. The
Transmit POS-PHY Interface block (within the XRT79L71) will
independently compute either the even or odd-parity value of each byte
(or word) that it receives from the Link Layer processor and will
compare it will the logic level of this input pin.
2.
This input pin is only active if the user has configured the XRT79L71 to
operate in either the ATM UNI or the PPP Mode. The user should tie
this input pin to GND to operate the XRT79L71 in either the Clear-
Channel Framer or High-Speed HDLC Controller Modes.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com