Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71IB Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation XRT79L71IB Datasheet HTML 85Page - Exar Corporation XRT79L71IB Datasheet HTML 86Page - Exar Corporation XRT79L71IB Datasheet HTML 87Page - Exar Corporation XRT79L71IB Datasheet HTML 88Page - Exar Corporation XRT79L71IB Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
XRT79L71
82
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
NOTE: The values for "t0" through "t7", in this figure can be found in
Table 8.
FIGURE 7. ASYNCHRONUS MODE 1 - INTEL TYPE PROGRAMMED I/O TIMING (READ CYCLE)
TABLE 8: TIMING INFORMATION FOR THE MICROPROCESSOR INTERFACE, WHEN CONFIGURED TO OPERATE IN THE
INTEL ASYNCHRONOUS MODE
Test Conditions: TA = 25°C, VCC = 3.3V±5% and 2.5V±5%, unless otherwise specified.
TIMING
DESCRIPTION
MIN.
TYP.
MAX.
t0
Address setup time to pALE low
4
-
-
t1
Address hold time from pALE low
4
-
-
t2
pRD_L, pWR_L pulse width
320
-
-
t3
Data setup time to pWR_L low
0
-
-
t4
Data hold time from pWR_L high
0
-
-
t5
pALE low to pRD_L, pWR_L low
5
-
-
t6
Data invalid from pRD_L high
4
-
-
t7
Data valid from pRDY_L low
-
-
0
t8
pRDY inactive from pRD_L inactive
3
9
Address
Data
CS
ALE_AS
A[14:0]
D[7:0]
RD_DS
WR_R/W
RDY_DTACK
t
2
t
7
t
6
t
1
t
0
t
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com