Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 13Page - Exar Corporation XRT83VSH28IB Datasheet HTML 14Page - Exar Corporation XRT83VSH28IB Datasheet HTML 15Page - Exar Corporation XRT83VSH28IB Datasheet HTML 16Page - Exar Corporation XRT83VSH28IB Datasheet HTML 17Page - Exar Corporation XRT83VSH28IB Datasheet HTML 18Page - Exar Corporation XRT83VSH28IB Datasheet HTML 19Page - Exar Corporation XRT83VSH28IB Datasheet HTML 20Page - Exar Corporation XRT83VSH28IB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
PRELIMINARY
XRT83VSH28
14
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
ALARM FUNCTIONS/REDUNDANCY SUPPORT
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION
GAUGE
J18
I
Twisted Pair Cable Wire Gauge Select
Hardware Mode Only
This pin is used to match the frequency characteristics according to the gauge of
wire used in Telecom circuits. By default, the LIU is matched to 22 gauge or 24
gauge wire. To select 26 gauge, this pin must be pulled "High".
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
DMO0
DMO1
DMO2
DMO3
DMO4
DMO5
DMO6
DMO7
D5
D4
C15
C13
R5
P4
U17
V14
O
Digital Monitor Output
When no transmit output pulse is detected for more than 128 TCLK cycles within the
transmit output buffer, the DMO pin will go "High" for a minimum of one TCLK cycle.
DMO will remain "High" until the transmitter sends a valid pulse.
NOTE: This pin can be used for redundancy applications to initiate an automatic
switch to a backup card.
RESET
T8
I
Hardware Reset Input
Active low signal. When this pin is pulled "Low" for more than 10µS, the internal reg-
isters are set to their default state. See the register description for the default val-
ues.
NOTE: Internally pulled "High" with a 50K
Ω resistor.
SR/DR
K4
I
Single-Rail/Dual-Rail Data Format
Hardware Mode Only
This pin is used to control the data format on the facility side of the LIU to interface to
a Framer or Mapper/ASIC device. By default, dual rail mode is selected which relies
upon the Framer to handle the encoding/decoding functions. To select single rail
mode, this pin must be pulled "High". If single rail mode is selected, the LIU can
encode/decode AMI or HDB3 data formats.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.
RXTSEL
U11
I
Receiver Termination Select
Hardware Mode
This pin is used to select between the internal and external impedance modes for
the receive path. By default, the receivers are configured for external impedance
mode, which is ideal for redundancy applications without relays. To select internal
impedance, this pin must be pulled "HIgh".
Host Mode
Internal/External impedance can be selected by programming the appropriate chan-
nel registers. However, to assist in redundancy applications, this pin can be used for
a hard switch if the RxTCNTL bit is set "High" in the appropriate global register. If
RxTCNTL is set "High", the individual RxTSEL register bits are ignored.
NOTE: This pin is internally pulled “Low” with a 50k
Ω resistor.
TXTSEL
V11
I
Transmitter Termination Select
Hardware Mode
This pin is used to select between the internal and external impedance modes for
the transmit path. By default, the receivers are configured for external impedance
mode, which is ideal for redundancy applications without relays. To select internal
impedance, this pin must be pulled "HIgh".
NOTE: This pin is internally pulled "Low".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com