Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 31Page - Exar Corporation XRT83VSH28IB Datasheet HTML 32Page - Exar Corporation XRT83VSH28IB Datasheet HTML 33Page - Exar Corporation XRT83VSH28IB Datasheet HTML 34Page - Exar Corporation XRT83VSH28IB Datasheet HTML 35Page - Exar Corporation XRT83VSH28IB Datasheet HTML 36Page - Exar Corporation XRT83VSH28IB Datasheet HTML 37Page - Exar Corporation XRT83VSH28IB Datasheet HTML 38Page - Exar Corporation XRT83VSH28IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
PRELIMINARY
XRT83VSH28
32
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
4.0
E1 APPLICATIONS
This applications section describes common E1 system considerations along with references to application
notes available for reference where applicable.
4.1
Loopback Diagnostics
The XRT83VSH28 supports several loopback modes for diagnostic testing. The following section describes
the local analog loopback, remote loopback, digital loopback, and dual loopback modes.
4.1.1
Local Analog Loopback
With local analog loopback activated, the transmit output data at TTIP/TRING is internally looped back to the
analog inputs at RTIP/RRING. External inputs at RTIP/RRING are ignored while valid transmit output data
continues to be sent to the line. A simplified block diagram of local analog loopback is shown in Figure 20.
FIGURE 20. SIMPLIFIED BLOCK DIAGRAM OF LOCAL ANALOG LOOPBACK
NOTE: The transmit diagnostic features such as TAOS and QRSS take priority over the transmit input data at TCLK/TPOS/
TNEG.
4.1.2
Remote Loopback
With remote loopback activated, the receive input data at RTIP/RRING is internally looped back to the transmit
output data at TTIP/TRING. The remote loopback includes the Receive JA (if enabled). The transmit input
data at TCLK/TPOS/TNEG are ignored while valid receive output data continues to be sent to the system. A
simplified block diagram of remote loopback is shown in Figure 21.
FIGURE 21. SIMPLIFIED BLOCK DIAGRAM OF REMOTE LOOPBACK
Encoder
Decoder
Timing
Control
Data and
Clock
Recovery
JA
JA
Tx
TAOS
QRSS
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG
Rx
Encoder
Decoder
Timing
Control
Data and
Clock
Recovery
JA
JA
Tx
Rx
TAOS
QRSS
TTIP
TRING
RTIP
RRING
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com