Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 57Page - Exar Corporation XRT83VSH28IB Datasheet HTML 58Page - Exar Corporation XRT83VSH28IB Datasheet HTML 59Page - Exar Corporation XRT83VSH28IB Datasheet HTML 60Page - Exar Corporation XRT83VSH28IB Datasheet HTML 61Page - Exar Corporation XRT83VSH28IB Datasheet HTML 62Page - Exar Corporation XRT83VSH28IB Datasheet HTML 63Page - Exar Corporation XRT83VSH28IB Datasheet HTML 64Page - Exar Corporation XRT83VSH28IB Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
PRELIMINARY
XRT83VSH28
58
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
NOTE: Any change in status will generate an interrupt (if enabled in channel register 0x04h and GIE is set to "1" in the
global register 0x80h). The status registers are reset upon read (RUR).
D1
RLOSIS
Receiver Loss of Signal Status
0 = No change
1 = Change in status occurred
RUR
0
D0
QRPDIS
Quasi Random Pattern Detection Status
0 = No change
1 = Change in status occurred
RUR
0
TABLE 26: MICROPROCESSOR REGISTER 0X08H BIT DESCRIPTION
CHANNEL 0-7 (0X08H-0X78H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D6
D5
D4
D3
D2
D1
D0
1SEG6
1SEG5
1SEG4
1SEG3
1SEG2
1SEG1
1SEG0
Arbitrary Pulse Generation
The transmit output pulse is divided into 8 individual segments.
This register is used to program the first segment which corre-
sponds to the overshoot of the pulse amplitude. There are four
segments for the top portion of the pulse and four segments for the
bottom portion of the pulse. Segment number 5 corresponds to
the undershoot of the pulse. The MSB of each segment is the sign
bit.
Bit 6 = 0 = Negative Direction
Bit 6 = 1 = Positive Direction
R/W
0
0
0
0
0
0
0
TABLE 27: MICROPROCESSOR REGISTER 0X09H BIT DESCRIPTION
CHANNEL 0-7 (0X09H-0X79H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D[6:0]
2SEG[6:0]
Segment Number Two, Same Description as Register 0x08h
R/W
TABLE 25: MICROPROCESSOR REGISTER 0X06H BIT DESCRIPTION
CHANNEL 0-7 (0X06H-0X76H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com