Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 14Page - Exar Corporation XRT83VSH28IB Datasheet HTML 15Page - Exar Corporation XRT83VSH28IB Datasheet HTML 16Page - Exar Corporation XRT83VSH28IB Datasheet HTML 17Page - Exar Corporation XRT83VSH28IB Datasheet HTML 18Page - Exar Corporation XRT83VSH28IB Datasheet HTML 19Page - Exar Corporation XRT83VSH28IB Datasheet HTML 20Page - Exar Corporation XRT83VSH28IB Datasheet HTML 21Page - Exar Corporation XRT83VSH28IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
XRT83VSH28
PRELIMINARY
15
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
TERSEL1
TERSEL0
T11
R11
I
Termination Impedance Select
Hardware Mode Only
The TERSEL[1:0] pins are used to select the transmitter and receiver impedance.
By default, the impedance is set to 100
Ω.
"00" = Reserved
"01" = Reserved
"10" = 75
Ω
"11" = 120
Ω
NOTE: These pins are internally pulled "Low" with a 50k
Ω resistor.
TEST
U12
I
Factory Test Mode
For normal operation, the TEST pin should be tied to ground.
NOTE: Internally pulled "Low" with a 50k
Ω resistor.
ICT
V12
I
In Circuit Testing
When this pin is tied "Low", all output pins are forced to "High" impedance for in cir-
cuit testing.
NOTE: Internally pulled "High" with a 50K
Ω resistor.
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com