Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 28Page - Exar Corporation XRT83VSH28IB Datasheet HTML 29Page - Exar Corporation XRT83VSH28IB Datasheet HTML 30Page - Exar Corporation XRT83VSH28IB Datasheet HTML 31Page - Exar Corporation XRT83VSH28IB Datasheet HTML 32Page - Exar Corporation XRT83VSH28IB Datasheet HTML 33Page - Exar Corporation XRT83VSH28IB Datasheet HTML 34Page - Exar Corporation XRT83VSH28IB Datasheet HTML 35Page - Exar Corporation XRT83VSH28IB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
XRT83VSH28
PRELIMINARY
29
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
3.3
Transmit Jitter Attenuator
The XRT83VSH28 LIU is ideal for multiplexer or mapper applications where the network data crosses multiple
timing domains. As the higher data rates are de-multiplexed down to E1 data, stuffing bits are typically
removed which can leave gaps in the incoming data stream. The transmit path has a dedicated jitter attenuator
with a 32-Bit or 64-Bit FIFO that is used to smooth the gapped clock into a steady E1 output. The maximum
gap width of the 8-channel LIU is shown in Table 7.
NOTE: If the LIU is used in a loop timing system, the receive path has a dedicated jitter attenuator. See the Receive
Section of this datasheet.
3.4
TAOS (Transmit All Ones)
The XRT83VSH28 has the ability to transmit all ones on a per channel basis by programming the appropriate
channel register. This function takes priority over the digital data present on the TPOS/TNEG inputs. For
example: If a fixed "0011" pattern is present on TPOS in single rail mode and TAOS is enabled, the transmitter
will output all ones. In addition, if digital or dual loopback is selected, the data on the RPOS output will be
equal to the data on the TPOS input. Figure 16 is a diagram showing the all ones signal at TTIP and TRING.
FIGURE 16. TAOS (TRANSMIT ALL ONES)
3.5
Transmit Diagnostic Features
In addition to TAOS, the XRT83VSH28 offers diagnostic features for analyzing network integrity such as
ATAOS and QRSS on a per channel basis by programming the appropriate registers.
These diagnostic
features take priority over the digital data present on TPOS/TNEG inputs. The transmitters will send the
diagnostic code to the line and will be maintained in the digital loopback if selected.
When the LIU is
responsible for sending diagnostic patterns, the LIU is automatically placed in the single rail mode.
3.5.1
ATAOS (Automatic Transmit All Ones)
If ATAOS is selected by programming the appropriate global register, an AMI all ones signal will be transmitted
for each channel that experiences an RLOS condition. If RLOS does not occur, the ATAOS will remain inactive
until an RLOS on a given channel occurs. A simplified block diagram of the ATAOS function is shown in
Figure 17.
TABLE 7: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS
FIFO DEPTH
MAXIMUM GAP WIDTH
32-Bit
20 UI
64-Bit
50 UI
TAOS
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com