Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 71 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 71 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation XRT83VSH28IB Datasheet HTML 70Page - Exar Corporation XRT83VSH28IB Datasheet HTML 71Page - Exar Corporation XRT83VSH28IB Datasheet HTML 72Page - Exar Corporation XRT83VSH28IB Datasheet HTML 73Page - Exar Corporation XRT83VSH28IB Datasheet HTML 74Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
PRELIMINARY
XRT83VSH28
68
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
TABLE 47: POWER CONSUMPTION
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
MODE
SUPPLY
VOLTAGE
IMPEDANCE
RECEIVER
TRANSMITTER
TYP
MAX
UNIT
TEST
CONDITION
E1
3.3V
75
Ω
1:1
1:2
1.188
0.891
-
W
100% ones
50% ones
E1
3.3V
120
Ω
1:1
1:2
1.056
0.825
-
W
100% ones
50% ones
NOTE: The typical power consumption of the 1.8V supply represents ~ 36mW of the above listed.
TABLE 48: E1 RECEIVER ELECTRICAL CHARACTERISTICS
(VDD=3.3V±5%, TA=25°C UNLESS OTHERWISE SPECIFIED)
PARAMETER
MIN
TYP.
MAX
UNIT
TEST CONDITIONS
Receiver loss of signal:
Number of consecutive
zeros before LOS is set
-
32
-
bit
Cable attenuation @1024KHz
ITU-G.775, ETS1 300 233
Input signal level at LOS
13
16
-
dB
RLOS Clear
12.5
-
-
% ones
Receiver Sensitivity
9
-
-
dB
With nominal pulse amplitude of 3.0V for
120
Ω and 2.37V for 75Ω application.
Interference Margin
-18
-14
-
dB
With 6dB cable loss
Input Impedance
15
-
K
Ω
Jitter Tolerance:
1 Hz
10KHz---100KHz
37
0.3
-
-
-
-
UIpp
UIpp
ITU G.823
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-
20
36
0.5
KHz
dB
ITU G.736
Jitter Attenuator Corner
Frequency(-3dB curve)
JABW=0
JSBW=1
-
-
10
1.5
-
-
Hz
Hz
ITU G.736
Return Loss:
51KHz --- 102KHz
102KHz --- 2048KHz
2048KHz --- 3072KHz
12
8
8
-
-
-
-
-
-
dB
dB
dB
ITU G.703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com