Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation XRT83VSH28IB Datasheet HTML 70Page - Exar Corporation XRT83VSH28IB Datasheet HTML 71Page - Exar Corporation XRT83VSH28IB Datasheet HTML 72Page - Exar Corporation XRT83VSH28IB Datasheet HTML 73Page - Exar Corporation XRT83VSH28IB Datasheet HTML 74Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
XRT83VSH28
PRELIMINARY
69
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
TABLE 49: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION
AMI Output Pulse Amplitude
75
Ω
120
Ω
2.13
2.70
2.37
3.00
2.60
3.30
V
V
1:2 Transformer
Output Pulse Width
224
244
264
ns
Output Pulse Width Ratio
0.95
-
1.05
ITU-G.703
Output Pulse Amplitude Ratio
0.95
-
1.05
ITU-G.703
Jitter Added by the Transmitter
Output
-
0.025
0.05
UIp-p
Broad Band with jitter free TCLK
applied to the input.
Output Return Loss
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
15
9
8
-
-
-
-
-
-
dB
dB
dB
ETSI 300 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com