Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 1 Page - Exar Corporation

  XRT83VSH28IB Datasheet HTML 1Page - Exar Corporation XRT83VSH28IB Datasheet HTML 2Page - Exar Corporation XRT83VSH28IB Datasheet HTML 3Page - Exar Corporation XRT83VSH28IB Datasheet HTML 4Page - Exar Corporation XRT83VSH28IB Datasheet HTML 5Page - Exar Corporation XRT83VSH28IB Datasheet HTML 6Page - Exar Corporation XRT83VSH28IB Datasheet HTML 7Page - Exar Corporation XRT83VSH28IB Datasheet HTML 8Page - Exar Corporation XRT83VSH28IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
PRELIMINARY
XRT83VSH28
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
AUGUST 2006
REV. P1.0.0
GENERAL DESCRIPTION
The XRT83VSH28 is a fully integrated 8-channel
short-haul line interface unit (LIU) that operates from
a 1.8V and a 3.3V power supply. Using internal
termination, the LIU provides one bill of materials to
operate in E1 75
Ω or 120Ω mode with minimum
external
components.
The
LIU
features
are
programmed through a standard parallel or serial
microprocessor interface. EXAR’s LIU has patented
high impedance circuits that allow the transmitter
outputs and receiver inputs to be high impedance
when experiencing a power failure or when the LIU is
powered off. Key design features within the LIU
optimize 1:1 or 1+1 redundancy and non-intrusive
monitoring applications to ensure reliability without
using relays.
The on-chip clock synthesizer generates an E1 clock
reference.
Additional features include RLOS, a 16-bit LCV
counter for each channel, AIS, QRSS generation/
detection, TAOS, DMO, and diagnostic loopback
modes.
APPLICATIONS
• ISDN Primary Rate Interface
• CSU/DSU E1 Interface
• E1 LAN/WAN Routers
• Public switching Systems and PBX Interfaces
• E1 Multiplexer and Channel Banks
FIGURE 1. BLOCK DIAGRAM OF THE XRT83VSH28 E1 LIU (HOST MODE)
1 of 8 channels, CHANNEL_n
HW/ HOST
WR_R/W
RD_ DS
ALE- AS
CS
RDY_ DTACK/ SDO
INT
SER_ PAR
ICT
TPOS_n/ TDATA_n
TNEG_n/ CODES_n
TCLK_n
RCLK_n
RNEG_n/ LCV_n
RPOS_n/ RDATA_n
RLOS_n
RRING_n
MASTER CLOCK SYNTHESIZER
QRSS
PATTERN
GENERATOR
DMO_n
TTIP_n
TRING_n
TXON_n
HDB3/
ENCODER
TX/ RX JITTER
ATTENUATOR
TIMING
CONTROL
TX FILTER
& PULSE
SHAPER
LINE
DRIVER
DRIVE
MONITOR
HDB3/
DECODER
TX/ RX JITTER
ATTENUATOR
TIMING &
DATA
RECOVERY
PEAK
DETECTOR
& SLICER
QRSS
DETECTOR
AIS
DETECTOR
LOS
DETECTOR
µ PTS1
µ PTS2
D[7:0]
µ PCLK/ SCLK
A[7:0]/ SDI
RESET
MICROPROCESSOR
/
SERIAL INTERFACE CONTROLLER
TEST
MCLKE1
MCLKOUT
TAOS
RTIP_n
Remote
Loopback
Digital
Loopback
Analog
Loopback


Similar Part No. - XRT83VSH28IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314IB EXAR-XRT83VSH314IB Datasheet
1Mb / 80P
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
559Kb / 97P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
1Mb / 98P
16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83VSH28IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL28 EXAR-XRT83SL28 Datasheet
917Kb / 47P
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
16-Channel Short Haul E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com