Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 35Page - Exar Corporation XRT83VSH28IB Datasheet HTML 36Page - Exar Corporation XRT83VSH28IB Datasheet HTML 37Page - Exar Corporation XRT83VSH28IB Datasheet HTML 38Page - Exar Corporation XRT83VSH28IB Datasheet HTML 39Page - Exar Corporation XRT83VSH28IB Datasheet HTML 40Page - Exar Corporation XRT83VSH28IB Datasheet HTML 41Page - Exar Corporation XRT83VSH28IB Datasheet HTML 42Page - Exar Corporation XRT83VSH28IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
PRELIMINARY
XRT83VSH28
36
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
4.2.4
N+1 Redundancy Using External Relays
N+1 redundancy has one backup card for N primary cards. Due to impedance mismatch and signal contention,
external relays are necessary when using this redundancy scheme. The relays create complete isolation
between the primary cards and the backup card. This allows all transmitters and receivers on the primary cards
to be configured in internal impedance, providing one bill of materials for all interface modes of operation. The
transmit and receive sections of the LIU device are described separately.
4.2.5
Transmit Interface with N+1 Redundancy
For N+1 redundancy, the transmitters on all cards should be programmed for internal impedance. The
transmitters on the backup card do not have to be tri-stated. To swap the primary card, close the desired
relays, and tri-state the transmitters on the failed primary card. A 0.68uF capacitor is used in series with TTIP
for blocking DC bias. See Figure 26 for a simplified block diagram of the transmit section for an N+1
redundancy scheme.
FIGURE 26. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT INTERFACE FOR N+1 REDUNDANCY
Backplane Interface
Primary Card
XRT83VSH28
Tx
Line Interface Card
0.68uF
E1 Line
0.68uF
Primary Card
Tx
0.68uF
Primary Card
Tx
0.68uF
Backup Card
Tx
E1 Line
E1 Line
Internal
Impedence
1:2
1:2
1:2
XRT83VSH28
XRT83VSH28
XRT83VSH28
Internal
Impedence
Internal
Impedence
Internal
Impedence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com