Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83VSH28IB Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 61Page - Exar Corporation XRT83VSH28IB Datasheet HTML 62Page - Exar Corporation XRT83VSH28IB Datasheet HTML 63Page - Exar Corporation XRT83VSH28IB Datasheet HTML 64Page - Exar Corporation XRT83VSH28IB Datasheet HTML 65Page - Exar Corporation XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
PRELIMINARY
XRT83VSH28
62
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
TABLE 35: MICROPROCESSOR REGISTER 0X81H, BIT DESCRIPTION
REGISTER ADDRESS
0X81H
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
Reserved
R/W
0
D6
Reserved
R/W
0
D5
Reserved
R/W
0
D4
Reserved
R/W
0
D3
Reserved
R/W
0
D2
RXMUTE
Receive Output Mute: Writing a “1” to this bit, mutes receive
outputs at RPOS/RDATA and RNEG/LCV pins to a “0” state for
any channel that detects an RLOS condition.
NOTE: RCLK is not muted.
R/W
0
D1
EXLOS
Extended LOS: Writing a “1” to this bit extends the number of
zeros at the receive input of each channel before RLOS is
declared to 4096 bits. Writing a “0” reverts to the normal mode
(32 bits for E1).
R/W
0
D0
ICT
In-Circuit-Testing: Writing a “1” to this bit configures all the
output pins of the chip in high impedance mode for In-Circuit-
Testing. Setting the ICT bit to “1” is equivalent to connecting
the Hardware ICT pin 88 to ground.
R/W
0
TABLE 36: MICROPROCESSOR REGISTER 0X82H BIT DESCRIPTION
GLOBAL REGISTER (0X82H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
TxONCNTL Transmit On Control
0 = Control of Transmitter is set ;
if Hardware mode, by TxON pin
if Host mode, by TxON bit
1 = Control of transmitter on, is determined by the individual chan-
nel TxOn bits
R/W
0
D6
TERCNTL
Receive Termination Select Control
This bit sets the LIU to control the RxTSEL function with either the
individual channel register bit or the global hardware pin.
0 = Control of the receive termination is set to the register bits
1 = Control of the receive termination is set to the RxTSEL hard-
ware pin
R/W
0
D[5:0]
Reserved
These Register Bits are Not Used
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com