Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 41Page - NXP Semiconductors SAF7113 Datasheet HTML 42Page - NXP Semiconductors SAF7113 Datasheet HTML 43Page - NXP Semiconductors SAF7113 Datasheet HTML 44Page - NXP Semiconductors SAF7113 Datasheet HTML 45Page - NXP Semiconductors SAF7113 Datasheet HTML 46Page - NXP Semiconductors SAF7113 Datasheet HTML 47Page - NXP Semiconductors SAF7113 Datasheet HTML 48Page - NXP Semiconductors SAF7113 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
2000 May 08
45
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
13.1
Errata information
13.1.1
FAST H-LOCK INDICATOR BIT
13.1.1.1
Issue
The H-lock indicator bit (HL_FAST, available on
RTS0/RTS1 and selectable with HLSEL via I2C-bus)
shows a static behaviour which doesn’t match the
specified function.
13.1.1.2
Impact
It is not possible to use the signal HL_FAST as fast
horizontal locking indicator bit for quick source switching.
This anomaly has minor impact for most video applications
since this feature will be used mainly for security
applications.
13.1.1.3
Work-around
Use of the normal flag HL or HLCK instead of HL_FAST.
13.1.2
FAST TIME CONSTANT HPLL
13.1.2.1
Issue
The damping factor of the digital horizontal PLL is too high.
13.1.2.2
Impact
It is not possible to use the new fast time constant with
VCR sources due to visible run-ins on the first lines.
13.1.2.3
Work-around
The old VCR time constant should be used.
13.1.3
FAST LOCKING MODE
13.1.3.1
Issue
The fast vertical locking mode VNL shows an undefined
behaviour which doesn’t match the specified function.
13.1.3.2
Impact
It is not possible to use the fast vertical locking mode VNL
since in some unknown circumstances the fast locking
mode needs more time for locking than the normal mode.
This anomaly has minor impact for most video applications
since this feature will be used mainly for security
applications.
13.1.3.3
Work-around
No recommendations for a functional replacement of this
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com