Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 70Page - NXP Semiconductors SAF7113 Datasheet HTML 71Page - NXP Semiconductors SAF7113 Datasheet HTML 72Page - NXP Semiconductors SAF7113 Datasheet HTML 73Page - NXP Semiconductors SAF7113 Datasheet HTML 74Page - NXP Semiconductors SAF7113 Datasheet HTML 75Page - NXP Semiconductors SAF7113 Datasheet HTML 76Page - NXP Semiconductors SAF7113 Datasheet HTML 77Page - NXP Semiconductors SAF7113 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
2000 May 08
74
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
16 I2C-BUS START SET-UP
The given values force the following behaviour of the SAF7113H:
• The analog input AI11 expects a signal in CVBS format; analog anti-alias filter and AGC active
• Automatic field detection enabled, PAL BDGHI or NTSC M standard expected
• Standard ITU 656 output format enabled, VBI-data slicer disabled; see Table 74 note 2
• Contrast, brightness and saturation control in accordance with ITU standards
• Chrominance processing with nominal bandwidth (800 kHz).
Table 74 I2C-bus start set-up values
SUB
(HEX)
FUNCTION
NAME(1)
VALUES (BIN)
(HEX)
76543210
START
00
chip version
ID07 to ID04
read only
01
increment delay
X, X, X, X, IDEL3 to IDEL0
0
0
0
0
1
0
0
0
08
02
analog input control 1
FUSE1 and FUSE0, GUDL1 and GUDL0,
MODE3 to MODE0
11000000
C0
03
analog input control 2
X, HLNRS, VBSL, WPOFF, HOLDG,
GAFIX, GAI28 and GAI18
00110011
33
04
analog input control 3
GAI17 to GAI10
0
0
0
0
0
0
0
0
00
05
analog input control 4
GAI27 to GAI20
0
0
0
0
0
0
0
0
00
06
horizontal sync start
HSB7 to HSB0
1
1
1
0
1
0
0
1
E9
07
horizontal sync stop
HSS7 to HSS0
0
0
0
0
1
1
0
1
0D
08
sync control
AUFD, FSEL, FOET, HTC1, HTC0, HPLL,
VNOI1 and VNOI0
10011000
98
09
luminance control
BYPS, PREF, BPSS1 and BPSS0, VBLB,
UPTCV, APER1 and APER0
00000001
01
0A
luminance brightness
BRIG7 to BRIG0
1
0
0
0
0
0
0
0
80
0B
luminance contrast
CONT7 to CONT0
0
1
0
0
0
1
1
1
47
0C
chrominance saturation SATN7 to SATN0
0
1
0
0
0
0
0
0
40
0D
chrominance hue
control
HUEC7 to HUEC0
0
0
0
0
0
0
0
0
00
0E
chrominance control
CDTO, CSTD2 to CSTD0, DCCF, FCTC,
CHBW1 and CHBW0
00000001
01
0F
chrominance gain
control
ACGC, CGAIN6 to CGAIN0
0
0
1
0
1
0
1
0
2A
10
format/delay control
OFTS1 and OFTS0, HDEL1 and HDEL0,
VRLN, YDEL2 to YDEL0
00000000
00
11
output control 1
GPSW1, CM99, GPSW0, HLSEL, OEYC,
OERT, VIPB and COLO
00001100
0C
12
output control 2
RTSE13 to RTSE10, RTSE03 to RTSE00
0
0
0
0
0
0
0
1
01
13
output control 3
ADLSB, X, X, OLDSB, FIDP, X,
AOSL1 and AOSL0
00000000
00
14
reserved
0
0
0
0
0
0
0
0
00
15
VGATE start
VSTA7 to VSTA0
0
0
0
0
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com