Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 42Page - NXP Semiconductors SAF7113 Datasheet HTML 43Page - NXP Semiconductors SAF7113 Datasheet HTML 44Page - NXP Semiconductors SAF7113 Datasheet HTML 45Page - NXP Semiconductors SAF7113 Datasheet HTML 46Page - NXP Semiconductors SAF7113 Datasheet HTML 47Page - NXP Semiconductors SAF7113 Datasheet HTML 48Page - NXP Semiconductors SAF7113 Datasheet HTML 49Page - NXP Semiconductors SAF7113 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
2000 May 08
46
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
14 APPLICATION INFORMATION
handbook, full pagewidth
Q1
(24.576 MHz)
SCL
CE
VDDD
AI22
SDA
VPO3
VPO4
VPO5
RTCO
VPO0
VPO1
VPO2
LLC
MHB692
AOUT
RTS0
RTS1
VPO7
VSSD
VSSD
VDDA
VDDD
VSSD
VPO6
VSSD
SAF7113H
R4
C4
C7
100 nF
100 nF
100 nF
C8
C9
C12
C13
C14
C15
C17
L1
10
µH
C16
1 nF
10 pF 10 pF
C18
R5
1 k
Ω
33
29
34
18
38
42
3
10
12
14
15
19
25
22
20
21
27
26
9
17
13
8
37
35
30
28
16
6
41
2
11
36
39
1
24
23
5
40
32
31
XTAL
XTALI
BST
n.c. n.c. n.c.
100 nF
100 nF
100 nF
100 nF
R3
C3
AI21
R2
C2
43
AI12
R1
56
Ω
C1
47 nF
VSSA
VSSA
7
44
AI11
4
R10
R9
R8
R7
18
Ω
56
Ω
47 nF
VSSA
18
Ω
C19
AI1D
47 nF
VSSA
C20
AI2D
47 nF
56
Ω
47 nF
VSSA
18
Ω
56
Ω
47 nF
VSSA
VSSA
18
Ω
Fig.31 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com