Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 69Page - NXP Semiconductors SAF7113 Datasheet HTML 70Page - NXP Semiconductors SAF7113 Datasheet HTML 71Page - NXP Semiconductors SAF7113 Datasheet HTML 72Page - NXP Semiconductors SAF7113 Datasheet HTML 73Page - NXP Semiconductors SAF7113 Datasheet HTML 74Page - NXP Semiconductors SAF7113 Datasheet HTML 75Page - NXP Semiconductors SAF7113 Datasheet HTML 76Page - NXP Semiconductors SAF7113 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
2000 May 08
73
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.32 SUBADDRESS 60H (READ-ONLY REGISTER)
Table 68 Slicer status bit (60H) read only
Table 69 Slicer status bit (60H) read only
Table 70 Slicer status bit (60H) read only
Table 71 Slicer status bit (60H) read only
Note
1. X = don’t care.
15.2.33 SUBADDRESS 61H (READ-ONLY REGISTER)
Table 72 Slicer status bits (61H and 62H) read only
15.2.34 SUBADDRESS 62H (READ-ONLY REGISTER)
Table 73 Slicer status bits (62H) read only
SLICER STATUS BIT (60H) READ ONLY
CONTROL BIT D2
CLOSED CAPTION VALID
CCV
No closed caption in the last frame
0
Closed caption detected
1
SLICER STATUS BIT (60H) READ ONLY
CONTROL BIT D3
PALplus VALID
PPV
No PALplus in the last frame
0
PALplus detected
1
SLICER STATUS BIT (60H) READ ONLY
CONTROL BIT D4
VPS VALID
VPSV
No VPS in the last frame
0
VPS detected
1
SLICER STATUS BIT (60H) READ ONLY
CONTROL BITS D6 AND D5
FRAMING CODE VALID
FC8V
FC7V
No framing code in the last frame
0
0
Framing code with 1 error detected in the last frame
0
1
Framing code without errors detected in the last frame
1
X(1)
SLICER STATUS BITS
(61H AND 62H) READ ONLY
CONTROL BITS ADDRESS 61H,
DATA BITS D4 TO D0
CONTROL BITS ADDRESS 62H,
DATA BITS D7 TO D4
Line number
LN8 to LN4
LN3 to LN0
SLICER STATUS BITS (62H) READ ONLY
CONTROL BITS D3 TO D0
Data type according to Table 4
DT3 to DT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com