Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 66Page - NXP Semiconductors SAF7113 Datasheet HTML 67Page - NXP Semiconductors SAF7113 Datasheet HTML 68Page - NXP Semiconductors SAF7113 Datasheet HTML 69Page - NXP Semiconductors SAF7113 Datasheet HTML 70Page - NXP Semiconductors SAF7113 Datasheet HTML 71Page - NXP Semiconductors SAF7113 Datasheet HTML 72Page - NXP Semiconductors SAF7113 Datasheet HTML 73Page - NXP Semiconductors SAF7113 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
2000 May 08
70
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.25 SUBADDRESS 40H
Table 56 Data slicer clock selection
Table 57 Amplitude searching
Table 58 Framing code error
Table 59 Hamming check
Table 60 Field size select
SLICER SET (40H)
CONTROL BITS D2 AND D1
AMPLITUDE SEARCHING
CLKSEL1
CLKSEL0
Reserved
0
0
13.5 MHz (default)
01
Reserved
1
0
Reserved
1
1
SLICER SET (40H)
CONTROL BIT D4
AMPLITUDE SEARCHING
HUNT_N
Amplitude searching active (default)
0
Amplitude searching stopped
1
SLICER SET (40H)
CONTROL BIT D5
FRAMING CODE ERROR
FCE
One framing code error allowed
0
No framing code errors allowed
1
SLICER SET (40H)
CONTROL BIT D6
HAMMING CHECK
HAM_N
Hamming check for 2 bytes after framing code,
dependent on data type (default)
0
No Hamming check
1
SLICER SET (40H)
CONTROL BIT D7
FIELD SIZE SELECT
FISET
50 Hz field rate
0
60 Hz field rate
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com