Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 34Page - NXP Semiconductors SAF7113 Datasheet HTML 35Page - NXP Semiconductors SAF7113 Datasheet HTML 36Page - NXP Semiconductors SAF7113 Datasheet HTML 37Page - NXP Semiconductors SAF7113 Datasheet HTML 38Page - NXP Semiconductors SAF7113 Datasheet HTML 39Page - NXP Semiconductors SAF7113 Datasheet HTML 40Page - NXP Semiconductors SAF7113 Datasheet HTML 41Page - NXP Semiconductors SAF7113 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
2000 May 08
38
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
Digital inputs
VIL(SCL,SDA)
LOW-level input voltage
pins SDA and SCL
−0.5
−
+0.3VDDD
V
VIH(SCL,SDA)
HIGH-level input voltage
pins SDA and SCL
0.7VDDD
−
VDDD + 0.5
V
VIL(xtal)
LOW-level CMOS input
voltage pin XTALI
−0.3
−
+0.8
V
VIH(xtal)
HIGH-level CMOS input
voltage pin XTALI
2.0
−
VDDD + 0.3
V
VIL(n)
LOW-level input voltage all
other inputs
−0.3
−
+0.8
V
VIH(n)
HIGH-level input voltage
all other inputs
2.0
−
5.5
V
ILI
input leakage current
−−
10
µA
Ci
input capacitance
outputs at 3-state
−−
8pF
Ci(n)
input capacitance all other
inputs
−−
5pF
Digital outputs
VOL(SCL,SDA)
LOW-level output voltage
pins SDA and SCL
SDA/SCL at 3 mA (6 mA)
sink current
−−
0.4 (0.6)
V
VOL
LOW-level output voltage
VDDD = max; IOL =2mA
0
−
0.4
V
VOH
HIGH-level output voltage
VDDD = min; IOH = −2 mA
2.4
−
VDDD + 0.5
V
VOL(clk)
LOW-level output voltage
for LLC clock
−0.5
−
+0.6
V
VOH(clk)
HIGH-level output voltage
for LLC clock
2.4
−
VDDD + 0.5
V
RTS1 (DOT) input timing
tSU;DAT
input data set-up time
13
−−
ns
tHD;DAT
input data hold time
3
−−
ns
Data and control output timing; note 1
CL
output load capacitance
15
−
40
pF
tOHD;DAT
output hold time
CL =15pF
4
−−
ns
tPD
propagation delay
CL =25pF
−−
22
ns
tPDZ
propagation delay to
3-state
−−
22
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com