Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 27Page - NXP Semiconductors SAF7113 Datasheet HTML 28Page - NXP Semiconductors SAF7113 Datasheet HTML 29Page - NXP Semiconductors SAF7113 Datasheet HTML 30Page - NXP Semiconductors SAF7113 Datasheet HTML 31Page - NXP Semiconductors SAF7113 Datasheet HTML 32Page - NXP Semiconductors SAF7113 Datasheet HTML 33Page - NXP Semiconductors SAF7113 Datasheet HTML 34Page - NXP Semiconductors SAF7113 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
2000 May 08
31
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
Table 13 YUV data format on the 8-bit VPO-bus (data types 6 and 15)
Table 14 Explanation to Table 13
BLANKING
PERIOD
TIMING
REFERENCE
CODE
720 PIXELS YUV4:2:2 DATA
TIMING
REFERENCE
CODE
BLANKING
PERIOD
...
80
10
FF 00 00 SAV CB0Y0 CR0Y1 CB2 Y2 ... CR718 Y719 FF 00 00 EAV 80 10 ...
NAME
EXPLANATION
SAV
start of active video range; see Tables 5 to 7
CBn
U (B
− Y) colour difference component, pixel number n = 0, 2, 4 to 718
Yn
Y (luminance) component, pixel number n = 0, 1, 2, 3 to 719
CRn
V (R
− Y) colour difference component, pixel number n = 0, 2, 4 to 718
EAV
end of active video range; see Tables 5 to 7
LUMINANCE 100%
+255
+235
+128
+16
0
white
black
U-COMPONENT
+255
+240
+212
+212
+128
+16
+44
0
blue 100%
blue 75%
yellow 75%
yellow 100%
colourless
V-COMPONENT
+255
+240
+128
+16
+44
0
red 100%
red 75%
cyan 75%
cyan 100%
colourless
MGC634
Fig.23 YUV 4 :2:2 levels on the 8-bit VPO-bus (data types 6 and 15).
Equations for modification to the YUV levels via BCS control I2C-bus bytes BRIG, CONT and SATN.
Luminance:
Chrominance:
It should be noted that the resulting levels are limited to 1 to 254 in accordance with ITU-601/656 standard.
Y
OUT
Int
CONT
71
------------------
Y
128
–
()
×
BRIG
+
=
UV
OUT
Int
SATN
64
-----------------
C
R CB
,
128
–
()
×
128
+
=
a. Y output range.
b. U output range (CB).
c. V output range (CR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com