Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 60Page - NXP Semiconductors SAF7113 Datasheet HTML 61Page - NXP Semiconductors SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors SAF7113 Datasheet HTML 65Page - NXP Semiconductors SAF7113 Datasheet HTML 66Page - NXP Semiconductors SAF7113 Datasheet HTML 67Page - NXP Semiconductors SAF7113 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
2000 May 08
64
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.19 SUBADDRESS 12H
Table 49 RTS0 output control SA 12
RTS0 OUTPUT CONTROL
D3 TO D0
RTSE03 RTSE02 RTSE01 RTSE00
Reserved
0000
VIPB (subaddress 11H bit 1) = 0: reserved
0001
VIPB (subaddress 11H bit 1) = 1: LSBs of the 9-bit ADCs
GPSW0 level (subaddress 11H, bit 5)
0010
HL (horizontal lock indicator); selectable via HLSEL (subaddress 11H, bit 4)
0011
HSEL = 0: standard horizontal lock indicator
HSEL = 1: fast horizontal lock indicator (use is not recommended for
sources with unstable timebase e.g. VCRs)
VL (vertical and horizontal lock)
0100
DL (vertical and horizontal lock and colour detected)
0101
PLIN (PAL/SECAM sequence; LOW: PAL/DR line is present)
0110
HREF_HS, horizontal reference signal: indicates valid data on the
VPO-bus. The positive slope marks the beginning of a new active line.
The pulse width is dependent on the data type selected by the control
registers LCR2 to LCR24 (subaddress 41H to 57H; see Tables 4 and 61)
0111
data type 0 to 6, 8 to 15: HIGH period 1440 LLC-cycles (720 samples;
see Fig.28)
data type 7 (upsampled raw data): HIGH period programmable in LLC8
steps via HSB7 to HSB0, HSS7 to HSS0 (subaddress 06H and 07H), fine
position adjustment via HDEL1 to HDEL0 (subaddress 10H, bits 5 and 4)
HS, programmable width in LLC8 steps via HSB7 to HSB0 and
HSS7 to HSS0 (subaddress 06H and 07H), fine position adjustment in
LLC2 steps via HDEL1 to HDEL0 (subaddress 10H, bits 5 and 4)
1000
HQ (HREF gated with VREF)
1001
ODD, field identifier; HIGH = odd field; see vertical timing diagrams
Figs 29 and 30
1010
VS (vertical sync; see vertical timing diagrams Figs 29 and 30)
1011
V123 (vertical pulse; see vertical timing diagrams Figs 29 and 30)
1100
VGATE (programmable via VSTA8 to VSTA0 and VSTO8 to VSTO0,
subaddresses 15H, 16H and 17H)
1101
VREF (programmable in two positions via VRLN, subaddress 10H, bit 3)
1110
FID (position and polarity programmable via VSTA8 to VSTA0,
subaddresses 15H and 17H and FIDP, subaddress 13H bit 3)
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com