Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 43Page - NXP Semiconductors SAF7113 Datasheet HTML 44Page - NXP Semiconductors SAF7113 Datasheet HTML 45Page - NXP Semiconductors SAF7113 Datasheet HTML 46Page - NXP Semiconductors SAF7113 Datasheet HTML 47Page - NXP Semiconductors SAF7113 Datasheet HTML 48Page - NXP Semiconductors SAF7113 Datasheet HTML 49Page - NXP Semiconductors SAF7113 Datasheet HTML 50Page - NXP Semiconductors SAF7113 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
2000 May 08
47
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15 I2C-BUS DESCRIPTION
15.1
I2C-bus format
handbook, full pagewidth
XTAL
XTALI
31
32
MHB693
XTAL
L = 10
µH ± 20%
C =
10 pF
C =
10 pF
C =
1 nF
quartz (3rd harmonic)
24.576 MHz
XTALI
31
32
SAF7113H
SAF7113H
Fig.32 Oscillator application.
Order number: Philips 4322 143 05291.
a. With quartz crystal.
b. With external clock.
ACK-s
ACK-s
DATA
SLAVE ADDRESS W
data transferred
(n bytes + acknowledge)
MHB339
P
S
ACK-s
SUBADDRESS
Fig.33 Write procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com