Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7113 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SAF7113
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SAF7113 Datasheet HTML 56Page - NXP Semiconductors SAF7113 Datasheet HTML 57Page - NXP Semiconductors SAF7113 Datasheet HTML 58Page - NXP Semiconductors SAF7113 Datasheet HTML 59Page - NXP Semiconductors SAF7113 Datasheet HTML 60Page - NXP Semiconductors SAF7113 Datasheet HTML 61Page - NXP Semiconductors SAF7113 Datasheet HTML 62Page - NXP Semiconductors SAF7113 Datasheet HTML 63Page - NXP Semiconductors SAF7113 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
2000 May 08
60
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
15.2.15 SUBADDRESS 0EH
Table 41 Chrominance control SA 0E
FUNCTION
CHBW/CSTD
BIT
LOGIC
LEVEL
DATA BIT
50 Hz
60 Hz
Chrominance bandwidth (CHBW0 and CHBW1)
Small bandwidth (
≈ 620 kHz)
CHBW1
0
D1
CHBW0
0
D0
Nominal bandwidth (
≈ 800 kHz)
CHBW1
0
D1
CHBW0
1
D0
Medium bandwidth (
≈ 920 kHz)
CHBW1
1
D1
CHBW0
0
D0
Wide bandwidth (
≈ 1000 kHz)
CHBW1
1
D1
CHBW0
1
D0
Fast colour time constant (FCTC)
Nominal time constant
FCTC
0
D2
Fast time constant
FCTC
1
D2
Disable chrominance comb filter (DCCF)
Chrominance comb filter on (during lines determined by VREF = 1;
see Table 45)
DCCF
0
D3
Chrominance comb filter permanently off
DCCF
1
D3
Colour standard selection (CSTD0 to CSTD2); logic levels 100, 110 and 111 are reserved, do not use
PAL BGHIN
NTSC M (or NTSC-Japan with special
level adjustment: brightness subaddress
0AH = 95H; contrast subaddress
0BH = 48H)
CSTD2
0
D6
CSTD1
0
D5
CSTD0
0
D4
NTSC 4.43 (50 Hz)
PAL 4.43 (60 Hz)
CSTD2
0
D6
CSTD1
0
D5
CSTD0
1
D4
Combination-PAL N
NTSC 4.43 (60 Hz)
CSTD2
0
D6
CSTD1
1
D5
CSTD0
0
D4
NTSC N
PAL M
CSTD2
0
D6
CSTD1
1
D5
CSTD0
1
D4
SECAM
reserved
CSTD2
1
D6
CSTD1
0
D5
CSTD0
1
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com