Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 38 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 38 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 34Page - Emerson Network Power PL375-7 Datasheet HTML 35Page - Emerson Network Power PL375-7 Datasheet HTML 36Page - Emerson Network Power PL375-7 Datasheet HTML 37Page - Emerson Network Power PL375-7 Datasheet HTML 38Page - Emerson Network Power PL375-7 Datasheet HTML 39Page - Emerson Network Power PL375-7 Datasheet HTML 40Page - Emerson Network Power PL375-7 Datasheet HTML 41Page - Emerson Network Power PL375-7 Datasheet HTML 42Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
36
Trompeter’s DIN connector series, is manufactured to the DIN
47297 (75 Ω) interface specification. This range of Trompeter’s
DIN 1.0/2.3 connector are 45% smaller than the DIN 1.6/5.6
and is ideal for higher density patching requirements. With
this space savings, significantly more ports can be placed
in the same 1RU panels. The Trompeter 1.0/2.3 series
includes cable plugs, cable jack and Type N to DIN adapters.
Trompeter’s 1.0/2.3 series works with all of the most popular
cables used in the video distribution and telecom central office
environments and can rapidly be adapted to suit any coaxial cable
developments.
This line of 1.0/2.3 connectors delivers the same superior quality
performance of the industry leading Trompeter 220 Series BNC
range. Employing the same tooling and termination as the 220
series BNCs ensures a minimal deployment cost and disruption for
our customers.
Dimensions are in mm
M 5.5 X 0.5
7.4
3.0
21
3.7
17
0.80
O
7.3
O
0.81
4 X
5.08
24
8
O
12.7
11.4
1
O
20
15
12.7
5.40
O
M5.5X0.5
21
12
17.5
0.5
0.9
4 X
7.3
O
2.3
0.9
O
5.1
21
32
24
7.3
O
12.7
5.4
O
13.25
1
O
Coax Connectors / 1023 Series
1.0/2.3 DIN Connectors – 75 Ω
Straight PC Bulkhead Mount Jack
UCBBJ1023
Straight Crimp Plug
UPL1023-
Dimensions are in mm
DIN 1.0/2.3 Right Angle PCB Bulkhead Mount Jack
UCBBJR1023
Dimensions are in mm
Right Angle Crimp Plug
UPLR1023-
Dimensions are in mm
Dimensions are in mm
Adapter 75 Ohm Type N Plug to DIN 1.0/2.3 Jack
UADF1023M95
DIN 1.0/2.3 Bulkhead Jack
UBJ1023-
Dimensions are in mm
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com