Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 76 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 76 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 72Page - Emerson Network Power PL375-7 Datasheet HTML 73Page - Emerson Network Power PL375-7 Datasheet HTML 74Page - Emerson Network Power PL375-7 Datasheet HTML 75Page - Emerson Network Power PL375-7 Datasheet HTML 76Page - Emerson Network Power PL375-7 Datasheet HTML 77Page - Emerson Network Power PL375-7 Datasheet HTML 78Page - Emerson Network Power PL375-7 Datasheet HTML 79Page - Emerson Network Power PL375-7 Datasheet HTML 80Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
74
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
ALCATEL
0960 WL
COAX
_
-004
0.093
0.011
75
ALCATEL
ASNE 0690 WL
COAX
_
-004
0.093
0.011
75
ALCATEL
CDE 003
TWINAX
*
-204
0.140
0.024
77
ALPHA
8620
COAX
-41
-020
0.270
0.041
75
ALPHA
9059
COAX
-2
-013
0.242
0.026
75
ALPHA
9102
COAX
*
-023
0.212
0.032
75
ALPHA
9108
TWINAX
-55
*
0.210
0.038
78
ALPHA
9109
TWINAX
_
-213
0.252
0.037
100
ALPHA
9158
COAX
-21
*
0.165
0.035
53
ALPHA
9174
COAX
-5
-003
0.100
0.021
50
ALPHA
9316
COAX
-5
-003
0.098
0.021
50
ALPHA
9807
COAX
-51
-016
0.304
0.032
75
ALPHA
9817
TWINAX
-8
_
0.327
0.038
100
ALPHA
9830
COAX
-2
-013
0.242
0.025
75
ALPHA
9840
COAX
-2
-013
0.240
0.025
80
ALPHA
9847
COAX
_
-053
0.405
0.064
75
ALPHA
9850
TRIAX
-13
TOO LARGE
0.314
0.032
75
ALPHA
9858
COAX
-1
-011
0.193
0.036
50
ALPHA
2834/2
TWINAX
-45
_
0.137
0.032
600V
ALPHA
9058C
COAX
-1
-011
0.194
0.038
50
ALPHA
9179B
COAX
-5
-004
0.101
0.012
75
ALPHA
9180B
COAX
-4
*
0.140
0.038
95
ALPHA
9187A
COAX
-36
-004
0.105
0.010
75
ALPHA
9196A
COAX
-44
-1
0.070
0.011
50
ALPHA
9804C
COAX
-41
-020
0.275
0.040
75
ALPHA
9814C
TWINAX
*
-213
0.244
0.038
75
ALPHA
9818C
TWINAX
-8
_
0.330
0.037
100
ALPHA
9825C
COAX
-6A
_
0.400
0.064
75
ALPHA
9861C
COAX
-1
-011
0.192
0.038
_
ALPHA
9871F
COAX
*
-011
0.182
0.037
50
ALPHA WIRE
2821/2
TWINAX
-27
_
0.138
0.024
600V
AMPHENOL
82-5588
TWINAX
-8
_
0.330
00.39
_
AMPHENOL CNDA
21-1060
COAX
-6
-016
_
_
_
AT&T (LUCENT)
733
COAX
_
-027
_
_
75
AT&T (LUCENT)
1735A
COAX
_
-026
0.128
0.016
75
AT&T (LUCENT)
2735A
COAX
-22
-026
0.140
0.015
75
AT&T (LUCENT)
734D
COAX
-63
-025
0.236
0.031
75
AT&T (LUCENT)
735A
COAX
*
-026
0.125
0.016
75
AT&T (LUCENT)
NSI 4609 805 13019
COAX
-37
*
0.166
0.016
_
AT&T (LUCENT)
724
COAX
-6
-016
0.304
0.033
_
AT&T (LUCENT)
728
COAX
-6
-016
0.304
0.033
75
AT&T (LUCENT)
731
COAX
-2
-015
0.248
0.023
75
AT&T (LUCENT)
730A
COAX
-2B
-015
0.255
0.025
AT&T (LUCENT)
734A
COAX
-63
-025
0.236
0.031
75
AT&T (LUCENT)
KS-19224L2
COAX
-31
*
0.116
0.011
_
AT&T (W.E.CO)
16PEVL
TWINAX
-12
_
0.460
0.051
_
AT&T (W.E.CO)
754E
TWINAX
-10
_
0.420
0.040
_
AT&T (W.E.CO)
760A
TWINAX
-11
TOO LARGE
0.308
0.025
_
AT&T (W.E.CO)
761A
TWINAX
-30
0.215
0.021
_
BELDEN
8208
TWINAX
-25
_
0.257
0.047
300V
BELDEN
8212
COAX
-2
-014
0.242
0.032
75
BELDEN
8213
COAX
-6A
-053
0.405
0.064
75
BELDEN
8215
COAX
-6E
-017
0.332
0.028
75
BELDEN
8216
COAX
-5
-003
0.103
0.020
50
Cable Group Table
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com