Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 80 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 80 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 76Page - Emerson Network Power PL375-7 Datasheet HTML 77Page - Emerson Network Power PL375-7 Datasheet HTML 78Page - Emerson Network Power PL375-7 Datasheet HTML 79Page - Emerson Network Power PL375-7 Datasheet HTML 80Page - Emerson Network Power PL375-7 Datasheet HTML 81Page - Emerson Network Power PL375-7 Datasheet HTML 82Page - Emerson Network Power PL375-7 Datasheet HTML 83Page - Emerson Network Power PL375-7 Datasheet HTML 84Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
78
Cable Group Table
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
1672A
COAX
-86
-004
0.087
0.011
75
BELDEN
1672J
COAX
-31
-027
0.127
0.011
75
BELDEN
1694A
COAX
-41
-020
0.282
0.040
75
BELDEN
1696A
TWINAX
*
-215
0.240
0.031
110
BELDEN
1800A
TWINAX
*
-212
0.184
0.024
110
BELDEN
1800B
TWINAX
*
-212
0.180
0.024
110
BELDEN
1800F
TWINAX
-30
_
0.216
0.024
110
BELDEN
1807A
COAX
-5
-004
0.110
0.012
75
BELDEN
1808A
COAX
-5
-004
0.110
0.012
75
BELDEN
1809A
COAX
-63
-025
0.234
0.032
75
BELDEN
1829A
COAX
-41
-020
0.270
0.040
75
BELDEN
1865A
COAX
-22
-09
0.152
0.020
75
BELDEN
1880A
TWINAX
*
-212
0.184
0.024
_
BELDEN
3092A
COAX
-51
*
0.298
0.040
75
BELDEN
4-27046-3265
TWINAX
*
_
0.200
0.023
_
BELDEN
5339b5
COAX
_
-020
0.266
0.040
75
BELDEN
5339Q5
COAX
_
-016
0.298
0.040
75
BELDEN
5399B5
COAX
_
-020
0.270
0.040
75
BELDEN
5539Y5
COAX
_
-022
0.232
0.025
93
BELDEN
6139B8
COAX
_
-052
0.348
0.064
75
BELDEN
6339Q8
COAX
_
-024
0.248
0.040
75
BELDEN
6439Q8
COAX
_
-023
0.230
0.032
75
BELDEN
734D()
COAX
_
-025
_
_
75
BELDEN
734D()T
COAX
_
-025
_
_
75
BELDEN
734D1
COAX
_
-025
0.235
0.032
75
BELDEN
735A()
COAX
*
-026
_
_
75
BELDEN
735A()T
COAX
*
-026
_
_
75
BELDEN
735A1
COAX
*
-026
0.129
0.016
75
BELDEN
7700A
COAX
-5
-004
0.107
0.012
75
BELDEN
7710A
COAX
-41
-020
0.275
0.040
75
BELDEN
7713A
COAX
-41
-020
0.275
0.040
75
BELDEN
7731A
COAX
-6A
-053
0.405
0.064
75
BELDEN
7788A
COAX
-4
-009
0.159
0.023
75
BELDEN
7794A
COAX
-023
0.235
0.032
75
BELDEN
7805A
COAX
-5
-003
0.105
0.018
50
BELDEN
7806A
COAX
-1
-011
0.195
0.037
50
BELDEN
7807A
COAX
-1
_
0.195
0.044
50
BELDEN
8232A
TRIAX
-13A
TOO LARGE
0.315
0.032
75
BELDEN
8233A
TRIAX
-14
_
0.475
0.048
75
BELDEN
8241A
COAX
-2
-013
0.242
0.025
75
BELDEN
8241B
COAX
-2
-013
0.242
0.023
75
BELDEN
8241F
COAX
-2
-013A
0.242
0.030
75
BELDEN
8281B
COAX
-6
-016
0.307
0.030
75
BELDEN
8281F
COAX
-51
-016
0.300
0.033
75
BELDEN
9062A
COAX
-2
-013
0.242
0.025
93
BELDEN
9269_
COAX
-2
-013
0.242
0.025
93
BELDEN
97300 2802
TWINAX
*
-050
0.94
0.012
_
BELDEN
9913F
COAX
*
-050
0.408
0.108
50
BELDEN
M9100
COAX
-2
-014
0.240
0.032
_
BELDEN
M9815
TWINAX
-8
_
_
_
_
BELDEN
PD7163
COAX
-004
0.100
0.010
75
BELDEN
SS895
COAX
-36
-027
0.123
0.016
75
BELDEN
YM23969
COAX
-34
*
0.244
0.033
_
BELDEN
YQ10474
TWINAX
-25
_
0.268
0.032
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com