Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 16 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 16 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 12Page - Emerson Network Power PL375-7 Datasheet HTML 13Page - Emerson Network Power PL375-7 Datasheet HTML 14Page - Emerson Network Power PL375-7 Datasheet HTML 15Page - Emerson Network Power PL375-7 Datasheet HTML 16Page - Emerson Network Power PL375-7 Datasheet HTML 17Page - Emerson Network Power PL375-7 Datasheet HTML 18Page - Emerson Network Power PL375-7 Datasheet HTML 19Page - Emerson Network Power PL375-7 Datasheet HTML 20Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
14
For other chain options see
For JSIX subminiature insulated panels see page 53. Other Terminations and RFI Caps, see page 57.
J152 Shown
.375 WRENCH FLATS
1.300
.375 HEX
.468 DIA MAX
.264
.347
DIA
1.250
.375 WRENCH FLATS
.308
.264
.347
DIA
1.209
.295
.218
.638
.436
.128 MTG HOLE
.3/8 WRENCH FLATS
1.275
3/8 HEX
.443 DIA MAX
-2 SHOWN
.375 WRENCH FLATS
1.131
.460 DIA MAX
1.340
1.090
0.129 TYP
.468
.264
.500
.347
TYP
.377
.970
TRS RECEPTACLE
1.769
SCHEMATIC
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
4.50"
Twinax/Triax Connectors / Subminiature Patching
Twinax/Triax Connectors / Standard & Subminiature Looping Plugs
Subminiature Patch Plug
PL150-
Subminiature Patch Jack
Cable Entry Mount on JSIX panels (For panels see pages 51-54)
J150-
Subminiature Patch Jack
TRS 3-lug
J152
RFI Cap
For subminiature patch jack, no chain.
RFI 150-1
Termination
For TRS* 3-lug jack, no chain.
TNGM1-1-R
For other chain options see page 63.
*4-lug/threaded versions available
Subminiature Normal Through Twinax/Triax Patch
Jack
Smallest twinax/triax patch jack
J158
Patch Cord
Subminiature patch plug to subminiature patch plug
Triax 50Ω, 75Ω................................................................ PTRM-L-Z
Twinax 75Ω, 124Ω......................................................... PTWM-L-Z
Cable Assembly
Subminiature patch plug to TRS 3-lug plug, 4-lug/threaded versions available
Triax 50Ω, 75Ω.............................................................. PTRMX-L-Z
Twinax 75Ω, 124Ω....................................................... PTWMX-L-Z
Cable Assembly
TRS* 3-lug plug to TRS* 3-lug plug, 4-lug/threaded versions available
Triax 50Ω, 75Ω.............................................................. PTRMY-L-Z
Twinax 75Ω, 124Ω....................................................... PTWMY-L-Z
Cable Assembly
Metal junction, random paralleling
TRS* 3-lug plugs, 4-lug/threaded versions available
Twinax 78Ω, 124Ω, Triax 50Ω, 75Ω............................ TNM3-Z
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com