Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 3 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 3 Page - Emerson Network Power

  PL375-7 Datasheet HTML 1Page - Emerson Network Power PL375-7 Datasheet HTML 2Page - Emerson Network Power PL375-7 Datasheet HTML 3Page - Emerson Network Power PL375-7 Datasheet HTML 4Page - Emerson Network Power PL375-7 Datasheet HTML 5Page - Emerson Network Power PL375-7 Datasheet HTML 6Page - Emerson Network Power PL375-7 Datasheet HTML 7Page - Emerson Network Power PL375-7 Datasheet HTML 8Page - Emerson Network Power PL375-7 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
1
TWINAX/TRIAX CONNECTORS
Mil-Std-1553B Data Bus General Specifications Guide
2-3
70/370 SERIES
MIL-C-49142 QPL’d Connectors
5
TRB/TRT Miniature Plugs & Jacks
6
TRB/TRT Miniature Bulkhead Jacks
7
Miniature Circuit Board Jacks
8
TRB Series Pad, Paralleling Jacks, & T Adapter
9
Twinax/Triax Terminations & RFI Caps
10
Miniature Twinax/Triax Patching
11-12
Miniature Twinax/Triax Normal-Thru Patch Jacks
13
Subminiature Twinax/Triax Patching
14
Standard & Subminiature Twinax/Triax Looping Plugs
15
Hermetically Sealed Connectors
16
Mating Twinax Size 8 Contacts
17
150/3150 SERIES
TRS/TTM Subminiature Jacks and Plugs
18
TRS/TTM Subminiature Bulkhead Jacks
19-20
Subminiature Bulkhead Jacks, Adapters, & Push-on
20
450 SERIES
Concentric Twinax Connectors
21-23
80/380 SERIES
TRC/TRN Standard Twinax/Triax Threaded
24
30/330 SERIES
TWBNC/TWTNC, Two-pin Polarized Connectors
25
COAX CONNECTORS
26
20/220 SERIES
Miniature Coax BNC Plugs & Jacks
27
Miniature Coax BNC Bulkhead Jacks
28
Coax Circuit Board Jacks
29-31
250 SERIES
Mini-BNC Coax Plugs & Jacks
32
40/240 SERIES
TNC Miniature Coax Threaded
33
TNC Bulkhead Jacks, Miniature Coax Threaded
34
120 SERIES
BNC/TNC Miniature Push-on Jacks & Plugs
35
1.0/2.3 DIN CONNECTORS
36
1.6/5.6 DIN CONNECTORS
Miniature Coax DIN Connectors
37
Coaxial Ground Filter Bulkhead Jacks
37
TYPE N CONNECTORS
90 Series Coax Type N Connectors
38
130 Series Coax F Type Connectors
39-40
Low VSWR Coax Connectors
41
TPS/TCM Subminiature Coax Threaded Jacks & Plugs
42
PATCHING PRODUCTS
High Frequency Video Patching
43-44
Coax Patch Jacks & Accessories
45-46
Mini-WECo Coax Patch Plugs
47
Mini-WECo Coax Patch Jacks
48
Standard Coax Patching & Looping
49
50Ω Miniature Coax Patching
50
Panel Specifications
51
Distribution Panels
52
Standard/Miniature Panels
53-54
“D” Mounting Hole Specifications
54
CUSTOM CABLE ASSEMBLIES
55-56
TERMINATIONS & RFI CAPS
Coax Terminations & RFI Caps
57
Chain Options
57
Stainless Steel Rope for “D” Ring Option
57
ADAPTERS (CUSTOM AND STANDARD)
Adapter Circuitry Schematics
58
Coax to Coax Adapter Table
59
Coax/Twinax/Triax Adapter Table
60-61
TOOLS & ACCESSORIES
Cable Strippers
62
Crimp Tools
63
Cable Assembly Testers
64
Tool Kit/Bulk Packaging
65
APPENDIX
Trompeter Cable Specifications
66-68
Twinax/Triax: Plenum/Halogen Free Cable Specs
68
Connector Compatibility Table
69-70
General Material/ Finish Specifications
71
BNC Coax Tool/Wrench Crimp Assembly Illustrations
72
Cable Group Table Notes
73
Cable Group Tables
74-91
INDEX
Part Number Index
93-95
Terms & Conditions
96-97
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com