Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 90 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 90 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 86Page - Emerson Network Power PL375-7 Datasheet HTML 87Page - Emerson Network Power PL375-7 Datasheet HTML 88Page - Emerson Network Power PL375-7 Datasheet HTML 89Page - Emerson Network Power PL375-7 Datasheet HTML 90Page - Emerson Network Power PL375-7 Datasheet HTML 91Page - Emerson Network Power PL375-7 Datasheet HTML 92Page - Emerson Network Power PL375-7 Datasheet HTML 93Page - Emerson Network Power PL375-7 Datasheet HTML 94Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
88
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
MONTROSE/CDT
CBL 2109
COAX
-2A
-025
0.241
0.034
75
MONTROSE/CDT
CBL 2721
TRIAX
-7
-306
0.250
0.037
50
MONTROSE/CDT
CBL 2726
COAX
*
-026
0.133
0.016
75
MONTROSE/CDT
CBL 7820
COAX
-21
*
0.165
0.035
_
MONTROSE/CDT
CBL 9835-735
COAX
*
-026
0.136
0.014
75
MONTROSE/CDT
CBL 9956
TWINAX
-56
*
0.170
0.037
78
MONTROSE/CDT
CBL3340
COAX
_
-004
0.077
0.011
75
NATIONAL WIRE & CABLE
S10-9723
TWINAX
-55
-214
0.226
0.021
_
NAVAIR
67A37A130
COAX
-4
*
0.140
0.031
_
NAVSEA
6322369
TRIAX
-60
_
0.188
0.029
50
NORTHERN TELECOM
NT-734
COAX
_
-025
_
_
_
NORTHERN TELECOM
NT-735
COAX
*
-026
0.130
0.016
75
PIC WIRE
L8620TX
TRIAX
-60
_
0.178
0.035
_
PIC WIRE & CABLE
L2201TX
TRIAX
-25A
-306
0.250
0.038
50
PIC WIRE & CABLE
S33141
COAX
-41
_
0.272
0.067
_
RAYCHEM
EPD49311Q
COAX
-1
-021
0.197
0.035
50
RAYCHEM
10584
TRIAX
-24A
_
0.148
0.012
_
RAYCHEM
10586
TRIAX
-24A
_
0.148
0.012
_
RAYCHEM
10595
TWINAX
*
-204
0.133
0.025
_
RAYCHEM
10599
TWINAX
-24
-210
0.145
0.031
_
RAYCHEM
10600
TWINAX
*
-213
0.216
0.032
_
RAYCHEM
10602
TWINAX
-45
-204
0.144
0.025
_
RAYCHEM
10606
TWINAX
*
-223
0.117
0.021
75
RAYCHEM
10612
TWINAX
*
-204
0.128
0.025
77
RAYCHEM
10613
TWINAX
*
-222
0.154
0.025
77
RAYCHEM
10614
TWINAX
-24
-221
0.161
0.025
77
RAYCHEM
0024A0024
TWINAX
-24
-217
0.152
0.025
100
RAYCHEM
0528A0424
TWINAX
-47
_
0.116
0.015
105
RAYCHEM
10598-30-9X
TRIAX
*
-303
0.148
0.012
_
RAYCHEM
10612-24-9
TWINAX
*
-204
0.132
0.027
77
RAYCHEM
1301-TZD 101 06 UX
TWINAX
-55
-204
0.217
0.024
_
RAYCHEM
2524A0424
TWINAX
*
-212
0.172
0.025
125
RAYCHEM
2524E0311-9
TWINAX
*
-224
0.201
0.025
125
RAYCHEM
2524F0524
TWINAX
*
-218
0.148
0.025
125
RAYCHEM
2524K0524
TWINAX
-55
-224
0.194
0.025
125
RAYCHEM
2526D1114
TWINAX
*
-219
0.144
0.019
125
RAYCHEM
2526E1114
TWINAX
-24
-219
0.147
0.019
125
RAYCHEM
2530A0314
TWINAX
-27
-208
0.105
0.012
125
RAYCHEM
2530A1317
COAX
-63
_
0.203
0.013
125
RAYCHEM
44M9996-20-2/6-0
TWINAX
-24
*
0.157
0.039
_
RAYCHEM
5012A3311
COAX
-50
_
0.350
0.088
50
RAYCHEM
5012W5812
TRIAX
-61
*
0.437
0.089
50
RAYCHEM
5020A1311
COAX
-4
*
0.155
0.040
50
RAYCHEM
5020A1811
COAX
-21
*
0.165
0.039
50
RAYCHEM
5021D1331
COAX
*
-021
0.188
0.035
50
RAYCHEM
5021H5331
TRIAX
-25A
_
0.258
0.035
50
RAYCHEM
5022D5112
TRIAX
-43
_
0.175
0.032
50
RAYCHEM
5022D5311
TRIAX
-43
_
0.175
0.032
50
RAYCHEM
5022E5111
TRIAX
-57
-302
0.164
0.033
50
RAYCHEM
5024A1311
COAX
-36
*
0.104
0.025
50
RAYCHEM
5024A1661
TWINAX
-27
*
0.108
0.025
50
RAYCHEM
5024A3111
COAX
-5
-003
0.113
0.019
50
RAYCHEM
5026A1111
COAX
-44
_
0.080
0.019
50
RAYCHEM
5026A1614
COAX
-44
_
0.080
0.019
50
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com