Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 44 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 44 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 40Page - Emerson Network Power PL375-7 Datasheet HTML 41Page - Emerson Network Power PL375-7 Datasheet HTML 42Page - Emerson Network Power PL375-7 Datasheet HTML 43Page - Emerson Network Power PL375-7 Datasheet HTML 44Page - Emerson Network Power PL375-7 Datasheet HTML 45Page - Emerson Network Power PL375-7 Datasheet HTML 46Page - Emerson Network Power PL375-7 Datasheet HTML 47Page - Emerson Network Power PL375-7 Datasheet HTML 48Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
42
BJ58 Shown
Mounting Hole: D5.190 /
D4.190 (Threaded)
BJ59-1 Shown
Mounting Hole: D4.187
PL50C-001 Shown
BJ57 Shown
Mounting Hole: D4.187
PL50-1 Shown
CJ50-1 Shown
.375 HEX NUT
.375 WRENCH FLATS
.080
.748
.460 DIA MAX
.375 HEX NUT
.375 WRENCH FLATS
.468 DIA MAX
.080
.790
.402
1.000
.3125-32UNEF-2A
7/16 HEX
3/8 HEX NUT
SOLDER POT ACCEPTS
.039 DIA CONDUCTOR
.140 DIA
.560 DIA
.600 DIA
.892
.500 HEX NUT
.4375-28UNEF-2A
.407
1.000
SOLDER POT
ACCEPTS .039 DIA
CONDUCTOR
.500 HEX
1.070
.375-32UNEF-2A
7/16 HEX NUT
.620
.080
.790
.590
.4375-28UNEF-2A
.375 HEX NUT
.500 HEX NUT
.562 HEX
.600 DIA
1.143
.643
.485
DIA
MAX
Coax Connectors / 50Ω Subminiature Coax 50 Series
TPS/TCM Jacks & Plugs
Cable Plug
Wrench Crimp
50Ω 3-Lug..................................... PL50-
Bulkhead Jack
Front Mount, Solder Pot
50Ω 3-Lug............................................ BJ50
Mounting Hole: D6.218
Cable Plug
Wrench Crimp
50Ω 3-Lug................................... PL50C-
75Ω 3-Lug................................... PL50C-
Bulkhead Jack
Front Mount, Solder Pot
50Ω 3-Lug........................................... BJ57
Cable Plug
Wrench Crimp
50Ω 3-Lug..................................... CJ50-
50Ω 4-Lug.................................. CJ50FL-
50Ω Threaded............................. CJ350-
Feed-thru Jack
50Ω 3-Lug........................................... BJ58
Bulkhead Jack
Wrench Crimp
50Ω 3-Lug..................................... BJ59-
“D” mounting holes are on page 54.
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com