Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 23 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 23 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 19Page - Emerson Network Power PL375-7 Datasheet HTML 20Page - Emerson Network Power PL375-7 Datasheet HTML 21Page - Emerson Network Power PL375-7 Datasheet HTML 22Page - Emerson Network Power PL375-7 Datasheet HTML 23Page - Emerson Network Power PL375-7 Datasheet HTML 24Page - Emerson Network Power PL375-7 Datasheet HTML 25Page - Emerson Network Power PL375-7 Datasheet HTML 26Page - Emerson Network Power PL375-7 Datasheet HTML 27Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
21
450 Series
Subminiature Twinax 3-lug & 4-lug
3450 Series
Subminiature Twinax Threaded
Concentric connectors designed for MIL-STD-1553B
airborne digital databus weight reduction applications.
Features
• 3-lug, 4-lug & threaded versions
• Field installation full crimp design. No soldering required
• Fully inspectable assembly process (no blind or questionable
solder connections)
• Total of ten polarized & keyed combinations
• Three different keyings for 3-lug versions
• Two interchangeable pin & socket arrangements
• Fewer pieces to assemble
• Meets MIL-C-49142, 48-hour salt spray requirement
• Standard plating to satisfy MIL-STD-1344, 500-hour
salt-spray requirement
80 Series
Standard 2-lug & 3-lug (TRC)
380 Series
Standard Threaded (TRN)
Used in digital data bus, video pair, MIL-STD-1553B
(primary/redundant data bus), MIL-STD-1397 (shipboard data
bus), baseband circuit and any application for noise-free guarded
circuits.
Used in digital data bus, video pair, MIL-STD 1553B (airborne/
ground primary/redundant), baseband circuit and any
application for “noise-free guarded” circuits. They are not
recommended for new designs. MIL-STD-1553B permits
designer discretion for use of concentric designs in lieu of the
two-pin connector.
30 Series
Miniature 2-Pin Polarized, 2-lug (TWBNC)
Features
• Same size as BNC/TNC connectors
• Fully enclosed beryllium copper spring fingers
• Stepped Dielectric
Features
• Standard “C” sized concentric connectors
• Used with larger twinax/triax cables with outer diameters
of .250"-615"
• Does not require mechanical alignment for mating
• Weatherproof designs utilize sealing gaskets and heat
shrink tubing
• Fits MIL-C-17/176-00002 & other twinax/triax cables
• Compatible with Raychem designs utilizing military crimp
style connectors
Twinax/Triax Connectors / Subminiature
150/3150 Series
Twinax/Triax Connectors / Series Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com