Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 40 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 40 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 36Page - Emerson Network Power PL375-7 Datasheet HTML 37Page - Emerson Network Power PL375-7 Datasheet HTML 38Page - Emerson Network Power PL375-7 Datasheet HTML 39Page - Emerson Network Power PL375-7 Datasheet HTML 40Page - Emerson Network Power PL375-7 Datasheet HTML 41Page - Emerson Network Power PL375-7 Datasheet HTML 42Page - Emerson Network Power PL375-7 Datasheet HTML 43Page - Emerson Network Power PL375-7 Datasheet HTML 44Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
38
Mounting Hole: DD4.203
BJ98-2 Shown
Mounting Hole: DD4.50
Options available for panels up
to 2.25" thick. Call customer
service.
Mounting Hole: DD4.310
Mounting Hole: D5.310
Trompeter’s 90 Series incorporates many of the features of our BNC lines including 3-piece wrench crimp configuration, gold plated
captive center contacts, beryllium copper female contacts, and PTFE dielectrics. The 90 Series will also accommodate non-flammable
plenum coax cables.
1.274 OR 1.336
.500 OR .688
WRENCH FLATS
.438 OR .625 FLATS
.828 DIA MAX
.096 OR .130
1.863
3/4 HEX
3/4 HEX NUT
.625-24UNEF-2A
1.860
.833
.625-24UNEF-2A
.750 HEX NUT
.562 WRENCH FLATS
1.392
.462
.094
.250
.625-24 UNEF-2A
.750 HEX NUT
.437 HEX NUT
.312 FLATS
.800
DIA
1.287
.587
.406
.625-24UNEF-2A
.375-32UNEF-2A
SOLDER POT ACCEPTS
.064 DIA WIRE
.500 HEX NUT
.750 HEX NUT TYP
.875 MAX
.50
1.75
.625-24UNEF-2A
Mounting Holes: DD4.310
(Standard body)
DD1.310 (Cable Groups
-6A/6B/6E, -48, -50)
Coax Connectors / Coax Type N Connectors
90 Series
Cable Plug
Wrench Crimp
50Ω.............................................. PL95-
75Ω............................................ UPL95-
Large body versions
are available, contact
customer service.
Size depends on cable
group.
Adapter
BNC Female to N Female
50Ω................................................... AD95
75Ω................................................. UAD95
Insulated Adapter
BNC Female to N Mail
50Ω.................................................. ADI95
75Ω................................................ UADI95
Bulkhead Cable Jack
Wrench Crimp
50Ω.............................................. BJ95-
75Ω............................................ UBJ95-
Bulkhead Jack
Solder Pot
50Ω....................................................... J95
75Ω..................................................... UJ95
Feed-thru Jack
50Ω.................................................. BJ98-2
75Ω............................................... UBJ98-2
“D” mounting holes are on page 54.
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com