Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 58 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 58 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 54Page - Emerson Network Power PL375-7 Datasheet HTML 55Page - Emerson Network Power PL375-7 Datasheet HTML 56Page - Emerson Network Power PL375-7 Datasheet HTML 57Page - Emerson Network Power PL375-7 Datasheet HTML 58Page - Emerson Network Power PL375-7 Datasheet HTML 59Page - Emerson Network Power PL375-7 Datasheet HTML 60Page - Emerson Network Power PL375-7 Datasheet HTML 61Page - Emerson Network Power PL375-7 Datasheet HTML 62Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
56
1
2
3
4
5
6
Qty
Conn 1
/
Cable
/
Conn 2
/
Length
/
Special Requirements
12
UPL220
/
735A
/
PL11C
/
60”
/
Bend relief on Conn 1
/
/
/
/
/
/
/
/
1
Quantity ...........................................................................Select quantity
2
Conn1 ............................................. Select connector type from catalog
3
Cable ...................................................... Select cable from pages 74–91
4
Conn2 .............................................. Select connector type from catalog
5
Length .......................................................................................In inches
6
Write out any special marking, testing, bend relief, packaging, or other requirements.
Example Shown: 60 inch coax cable assembly using AT&T 735A, BNC plug, and Mini-WECo patch plug with bend relief on BNC plug.
Custom Cable Assemblies
Trompeter has been producing high quality cable assemblies, and
currently provides over 500,000 different configurations using a
broad range of RF connectors and cable types. We stock a variety
of components for camera, RGB, S-Video, Audio, and many other
applications.
Capabilities
Trompeter can provide coax, twinax, and triax cable assemblies
using any cable attached connector. This includes panel mount,
data bus, multi-pin , D-Subs, SMA connectors, and patching
products.
Special marking (ID sleeves/tags, hot stamping,
colored cable jacket, etc.) is available. Trompeter offers 24-48
hour turnaround on many standard products with full capabilities
for sustained volume delivery. Deliveries can be adjusted to meet
your specific needs.
Quality Assurance... ISO 9001 Registered
Trompeter’s assemblies are 100% electrically tested for continuity,
shorts, and Hi-Pot.
(VSWR, IR, Insertion / Return Loss test capabilities, SPC data
available on request).
Request For Quote...
Please refer to the following guideline when requesting a quote:
Photo: Twinax/Triax connectors on ruggedized dual twinax/triax test cable (fire retardant cables).
Patching Products / Custom Cable Assemblies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com