Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 30 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices ADN2913 Datasheet HTML 28Page - Analog Devices ADN2913 Datasheet HTML 29Page - Analog Devices ADN2913 Datasheet HTML 30Page - Analog Devices ADN2913 Datasheet HTML 31Page - Analog Devices ADN2913 Datasheet HTML 32Page - Analog Devices ADN2913 Datasheet HTML 33Page - Analog Devices ADN2913 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 30 of 35
Four oscillator cores defined by VCOSEL[9:8] (Bits[D1:D0] in
Register 0x5) span the highest octave of data rates according to
Table 25.
Table 25. DCO Center Frequency vs. VCOSEL[9:8]
Core =
VCOSEL[9:8]
Min Frequency
(MHz) = Min_f(core)
Max Frequency
(MHz) = Max_f(core)
0
5570
7105
1
7000
8685
2
8610
10,330
3
10,265
11,625
fDCO is determined from VCOSEL[9:0] (Bits[D7:D0] in
Register 0x4, and Bits[D1:D0] in Register 0x5), according to the
following formula:
fDCO =
]
:
VCOSEL[
core
f
Min
core
f
Max
core
f
Min
0
7
256
)
(
_
)
(
_
)
(
_
×
−
+
Worked Example
Read back the contents of the FREQ_RB1 and FREQ_RB2
registers. For example, with an OC-48 signal presented to the
PIN/NIN ports,
FREQ_RB1 = 0xCD
FREQ_RB2 = 0x46
FULLRATE (FREQ_RB2[6]) = 1
DIVRATE[3:0] (FREQ_RB2[5:2]) = 1
VCOSEL[9:8] core (FREQ_RB2[1:0]) = 2
Then
fDCO =
Mbps
32
.
9987
205
256
Mbps
8610
Mbps
300
,
10
Mbps
8610
=
×
−
+
and
Mbps
84
.
2496
2
2
Mbps
34
.
9987
1
1
=
×
=
data
f
Initiate Frequency Acquisition
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to INIT_FREQ_ACQ (Bit D6 in Register 0x9). This initiates
a new frequency acquisition while keeping the ADN2913 in the
operating mode that was previously programmed in Register 0x8,
Register 0x9, and Register 0xA (CTRLA, CTRLB, and CTRLC
registers, respectively).
PRBS Generator/Receiver
The ADN2913 has an integrated PRBS generator and detector
for system testing purposes. The device is configurable as either
a PRBS detector or a PRBS generator.
The following steps configure the PRBS detector:
1. Set DATA_RECEIVER_ENABLE (Bit D2 in Register 0x3F)
to 1 and set DATA_RECEIVER_MODE[1:0] (Bits[D1:D0]
in Register 0x3F) according to the desired PRBS pattern
(0 = PRBS7; 1 = PRBS15; 2 = PRBS31). Setting DATA_
RECEIVER_MODE[1:0] to 3 leads to a one-shot sampling
of recovered data into DATA_LOADED[15:0].
2. Set DATA_RECEIVER_CLEAR (Bit D3 in Register 0x3F)
to 1 followed by 0 to clear PRBS_ERROR and
PRBS_ERROR_COUNT[7:0].
3. States of PRBS_ERROR (Bit D1 in Register 0x41) and
PRBS_ERROR_COUNT[7:0] (Bits[D7:D0] in Register 0x40)
can be frozen by setting DATA_RECEIVER_ENABLE (Bit D2
in Register 0x3F) to 0.
The following steps configure the PRBS generator:
1. Set DATA_GEN_EN (Bit D2 in Register 0x39) = 1 to
enable the PRBS generator and set DATA_GEN_MODE[1:0]
(Bits[D1:D0] in Register 0x39) for the desired PRBS output
pattern (0 = PRBS7; 1 = PRBS15; 2 = PRBS31). An arbitrary
32-bit pattern stored as PROG_DATA[31:0] is activated by
setting DATA_GEN_MODE[1:0] to 3.
2. Strings of consecutive identical digits (CIDs) of sensed
DATA_CID_ BIT (Bit D5 in Register 0x39) can be
introduced in the generator by setting DATA_CID_EN
(Bit D4 in Register 0x39) set to 1. The length of CIDs is 8 ×
DATA_CID_LENGTH, which is set via Bits[D7:D0] in
Register 0x3A.
Table 26. PRBS Settings
PRBS Pattern
DATA_GEN_MODE[1:0]
PRBS Polynomial
PRBS7
00
1 + X6 + X7
PRBS15
01
1 + X14 + X15
PRBS31
10
1 + X28 + X31
PROG_DATA[31:0]
11
N/A
Double Data Rate Mode
The default output clock mode is a double data rate (DDR)
clock, where the output clock frequency is one-half the data
rate. DDR mode allows direct interfacing to FPGAs that support
clocking on both rising and falling edges. Setting DDR_DISABLE
(Bit D2 in Register 0x1E) = 1 enables full data rate mode. Full
data rate mode is not supported for data rates in the highest
octave between 5.6 Gbps and 8.5 Gbps.
CDR Bypass Mode
The CDR in the ADN2913 can be bypassed by setting the
CDR bypass bit (Bit D5 in Register 0x9) = 1. In this mode, the
ADN2913 feeds the input directly through the input amplifiers
to the output buffer, bypassing the CDR. The CDR bypass path is
intended for use in testing or debugging a system. Use the CDR
bypass path at data rates at or below 3.0 Gbps only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com