Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN2913
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN2913 Datasheet HTML 19Page - Analog Devices ADN2913 Datasheet HTML 20Page - Analog Devices ADN2913 Datasheet HTML 21Page - Analog Devices ADN2913 Datasheet HTML 22Page - Analog Devices ADN2913 Datasheet HTML 23Page - Analog Devices ADN2913 Datasheet HTML 24Page - Analog Devices ADN2913 Datasheet HTML 25Page - Analog Devices ADN2913 Datasheet HTML 26Page - Analog Devices ADN2913 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 23 of 35
Duty cycle distortion with narrow 1s moves the significant
sampling instance where data is sampled to the right of center.
The alignment of the clock to the falling data edges with
EDGE_SEL[1:0] = 2 is represented by the first and third curves
in Figure 24. The significant sampling instance moves to the left
of center. Sample phase adjustment for rates above 5.65 Gbps
can move the significant sampling instance to the center of the
narrow 1 (or narrow 0) for best jitter tolerance.
EDGE_SEL[1:0] = 1
EDGE_SEL[1:0] = 2
CLK1
CLK2
DATA
Figure 24. Phase Detector Timing
DLL Slew
Jitter tolerance beyond the transfer bandwidth of the CDR is
determined by the slew rate of the DLL implementing a delta
modulator on phase. Setting DLL_SLEW[1:0] = 2 (the default
value) in Register 0x13, configures the DLL to track 0.75 UI p-p
jitter at the highest frequency breakpoint in the SONET/SDH
jitter tolerance mask. This frequency scales with the rate as
fp4 = Rate (Hz)/2500 (for example, 1.0 MHz for OC-48). Peak-to-
peak tracking in UI at fp4 obeys the expression (1 +
DLL_SLEW)/4 UI p-p.
In some applications, full SONET/SDH jitter tolerance is not
needed. In this case, DLL_SLEW[1:0] can be set to 0, giving lower
jitter generation on the recovered clock and better high
frequency jitter tolerance.
Sample Phase Adjustment
The phase of the sampling instant can be adjusted using the I2C
interface when the devices operate at data rates of 5.65 Gbps or
higher by writing to SAMPLE_PHASE[3:0] (Bits[D3:D0] in
Register 0x14). This feature allows the user to adjust the sampling
instant to improve the BER and jitter tolerance. Although the
default sampling instant chosen by the CDR is sufficient in most
applications, when dealing with degraded input signals, the BER
and jitter tolerance performance can be improved by manually
adjusting the phase.
A total adjustment range of 0.5 UI is available, with 0.25 UI in each
direction, in increments of 1/32 UI. SAMPLE_PHASE[3:0] is a
twos complement number. The relationship between data and
the sampling clock is shown in Figure 26.
Transfer Bandwidth
The transfer bandwidth can be adjusted using the I2C interface by
writing to TRANBW[2:0] in Register 0x10. The default value is 4.
When set to values below 4, the transfer bandwidth is reduced.
When set to values above 4, the transfer bandwidth is increased.
The resulting transfer bandwidth is based on the following formula:
×
=
4
0
2
)
(
]
:
TRANBW[
BW
Transfer
Default
BW
Transfer
For example, at OC-48, the default transfer bandwidth is
650 kHz. The resulting transfer bandwidth when
TRANBW[2:0] is changed is
TRANBW[2:0] = 1: transfer BW = 162.5 kHz
TRANBW[2:0] = 2: transfer BW = 325 kHz
TRANBW[2:0] = 3: transfer BW = 487.5 kHz
TRANBW[2:0] = 4: transfer BW = 650 kHz (default)
TRANBW[2:0] = 5: transfer BW = 812.5 kHz
TRANBW[2:0] = 6: transfer BW = 975 kHz
TRANBW[2:0] = 7: transfer BW = 1137.5 kHz
Reducing the transfer bandwidth is commonly used in OTN
applications. Never set TRANBW[2:0] = 0 because this value
makes the CDR open loop. Also, note that setting TRANBW[2:0]
to a value greater than 4 may cause a slight increase in jitter
generation and potential jitter peaking.
LOSS OF SIGNAL (LOS) DETECTOR
The receiver front-end LOS detector circuit detects when the
input signal level falls below a user adjustable threshold.
There is typically 6 dB of electrical hysteresis on the LOS
detector to prevent chatter on the LOS pin. Therefore, if the
input level falls below the programmed LOS threshold, causing
the LOS pin to assert, the LOS pin is not deasserted until the
input level increases to 6 dB (2×) above the LOS threshold (see
Figure 25).
HYSTERESIS
LOS OUTPUT
INPUT LEVEL
LOS THRESHOLD
t
Figure 25. LOS Detector Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com